Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL12X16B-CF160M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL12X16B-CF160M
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL12X16B-CF160M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL12X16B-CF160M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL12X16B-CF160M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
8-11
Military 5.0V pASIC 1 Family
CPGA 144 Function/Connector Table (Cont’d)
A12
IO
M15
IO
R4
IO
D1
IO
B11
IO
L14
IO
P5
IO
E2
IO
C10
IO
K13
IO
N6
IO
F3
IO
A13
IO
N15
IO
R3
IO
C1
IO
C9
GND
L13
GND
N7
GND
E3
GND
B12
IO
M14
IO
P4
IO
D2
IO
A14
IO
P15
IO
R2
IO
B1
IO
B13
IO
N14
IO
P3
IO
C2
IO
C12
IO
M13
IO
N4
IO
D3
IO
A15
IO
R15
IO
R1
IO
A1
IO
B14
IO
P14
nc
P2
IO
B2
nc
PINOUT DIAGRAM 160-PIN CPGA
QL16x24B-1CF160M


Similar Part No. - QL12X16B-CF160M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160C ETC1-QL16X24B-0CF160C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160I ETC1-QL16X24B-0CF160I Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M ETC1-QL16X24B-0CF160M Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M/883C ETC1-QL16X24B-0CF160M/883C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
More results

Similar Description - QL12X16B-CF160M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com