Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL16X24B-PQ208M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # QL16X24B-PQ208M
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL16X24B-PQ208M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  QL16X24B-PQ208M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL16X24B-PQ208M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
8-7
Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Military 5.0V pASIC 1 Family
Rev B
Military 5.0V pASIC 1 Family
Device Highlights
Very High Speed
s
ViaLink“ metal-to-metal programmable technol-
ogy, allows counter speeds over 150 MHz and
logic cell delays of under 2 ns at 5V, and over 80
MHz at 3.3V operation.
High Usable Density
s
Up to a 24-by-32 array of 768 logic cells provides
22,000 usable PLD gates in 208-pin PQFP and
208-pin CQFP packages.
PCI-Output Drive
s
Fully PCI 2.1 compliant input/output capability.
(including drive current)
Features
s
Total of 180 I/O pins
s
-172 Bidirectional Input/Output pins
s
-6 Dedicated Input/High-Drive pins
s
-2 Clock/Dedicated input pins with fanout-
independent, low-skew clock networks
s
-PCI 2.1 Compliant I/Os
s
Input + logic cell + output delays under 6 ns
s
Chip-to-chip operating frequencies up to 110 MHz
s
Internal state machine frequencies up to 150 MHz
s
Clock skew < 0.5 ns
s
Input hysteresis provides high noise immunity
s
Built-in scan path permits 100% factory testing of
logic and I/O cells and functional testing with Auto-
matic Test Vector Generation (ATVG) software
after programming
s
208 pin PQFP pin for pin compatible with the
208 CQFP
s
0.65µ CMOS process with ViaLink programming
technology
TABLE 1: Selector Table
DEVICE HIGHLIGHTS
FEATURES
Device
ASIC
Gates
PLD
Gates
Package
Max
I/O
Qualification
Level
SMD
5962-
QL8x12B
1,000
2,000
68CPGA
64
M
QL12x16B
2,000
4,000
84CPGA
76
M, /883
96836
144CPGA
122
M, /883
95599
QL16x24B
4,000
7,000
160 CQFP
122
M, /883
95599
208CQFP
180
M, /883
96837
QL24x32B
8,000
14,000
208PQFP
180
M
M = Military Temperature (-55 to +125 degrees C)
/883 = MIL-STD-883 qualified


Similar Part No. - QL16X24B-PQ208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B-PF100C ETC1-QL16X24B-PF100C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-PF100I ETC1-QL16X24B-PF100I Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-PF100M ETC1-QL16X24B-PF100M Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-PF100M/883C ETC1-QL16X24B-PF100M/883C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-PF144C ETC1-QL16X24B-PF144C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
More results

Similar Description - QL16X24B-PQ208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com