Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QL12X16B-CF208M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # QL12X16B-CF208M
Description  Military 5.0V pASIC 1 Family - Very-High-Speed CMOS FPGA
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL12X16B-CF208M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button QL12X16B-CF208M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 9Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 10Page - List of Unclassifed Manufacturers QL12X16B-CF208M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
8-13
Military 5.0V pASIC 1 Family
PQFP/CQFP 208 Function/Connector Table
PQFP/CQFP 208
FUNCTION/CONNECTOR TABLE
PIN
FUN
PIN
FUN
PIN
FUN
PIN
FUN
PIN
FUN
PIN
FUN
PIN
FUN
PIN
FUN
1
I/O
27
VCC
53
I/O
79
I/O
105
I/O
131
VCC
157
I/O
183
I/O
2
I/O
28
I/P
54
I/O
80
I/O
106
I/O
132
I
158
I/O
184
I/O
3
I/O
29
I
55
I/O
81
I/O
107
I/O
133
I/SO
159
I/O
185
I/O
4
I/O
30
VCC
56
I/O
82
I/O
108
I/O
134
VCC
160
I/O
186
I/O
5
I/O
31
I/O
57
I/O
83
VCC
109
I/O
135
I/O
161
I/O
187
VCC
6
I/O
32
I/O
58
I/O
84
I/O
110
I/O
136
I/O
162
I/O
188
I/O
7
I/O
33
I/O
59
GND
85
I/O
111
I/O
137
I/O
163
GND
189
I/O
8
I/O
34
I/O
60
I/O
86
I/O
112
I/O
138
I/O
164
I/O
190
I/O
9
I/O
35
I/O
61
VCC
87
I/O
113
I/O
139
I/O
165
VCC
191
I/O
10
VCC
36
I/O
62
I/O
88
I/O
114
VCC
140
I/O
166
I/O
192
I/O
11
I/O
37
I/O
63
I/O
89
I/O
115
I/O
141
I/O
167
I/O
193
I/O
12
GND
38
I/O
64
I/O
90
I/O
116
GND
142
I/O
168
I/O
194
I/O
13
I/O
39
I/O
65
I/O
91
I/O
117
I/O
143
I/O
169
I/O
195
I/O
14
I/O
40
I/O
66
I/O
92
I/O
118
I/O
144
I/O
170
I/O
196
I/O
15
I/O
41
VCC
67
I/O
93
I/O
119
I/O
145
VCC
171
I/O
197
I/O
16
I/O
42
I/O
68
I/O
94
I/O
120
I/O
146
I/O
172
I/O
198
I/O
17
I/O
43
GND
69
I/O
95
GND
121
I/O
147
GND
173
I/O
199
GND
18
I/O
44
I/O
70
I/O
96
I/O
122
I/O
148
I/O
174
I/O
200
I/O
19
I/O
45
I/O
71
I/O
97
VCC
123
I/O
149
I/O
175
I/O
201
VCC
20
I/O
46
I/O
72
I/O
98
I/O
124
I/O
150
I/O
176
I/O
202
I/O
21
I/O
47
I/O
73
GND
99
I/O
125
I/O
151
I/O
177
GND
203
I/O
22
I/O
48
I/O
74
I/O
100
I/O
126
I/O
152
I/O
178
I/O
204
I/O
23
GND
49
I/O
75
I/O
101
I/O
127
GND
153
I/O
179
I/O
205
I/O
24
I/O
50
I/O
76
I/O
102
I/O
128
I/O
154
I/O
180
I/O
206
I/O
25
I/Sck
51
I/O
77
I/O
103
I/O
129
I/SI
155
I/O
181
I/O
207
I/O
26
I/Clk
52
I/O
78
GND
104
I/O
130
I/Clk
156
I/O
182
GND
208
I/O


Similar Part No. - QL12X16B-CF208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160C ETC1-QL16X24B-0CF160C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160I ETC1-QL16X24B-0CF160I Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M ETC1-QL16X24B-0CF160M Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL16X24B-0CF160M/883C ETC1-QL16X24B-0CF160M/883C Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
More results

Similar Description - QL12X16B-CF208M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL16X24B ETC1-QL16X24B Datasheet
1Mb / 10P
   pASIC 1 Family Very-High-Speed CMOS FPGA
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
   3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
   3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
Xilinx, Inc
XC3100A XILINX-XC3100A Datasheet
66Kb / 8P
   Ultra-high-speed FPGA family with six members
logo
Silicon Supplies
54VHC373 SS-54VHC373 Datasheet
917Kb / 7P
   Very High Speed CMOS Logic
74VHC373 SS-74VHC373 Datasheet
916Kb / 7P
   Very High Speed CMOS Logic
logo
Altera Corporation
EP1SGX10C ALTERA-EP1SGX10C Datasheet
1Mb / 262P
   StratixGX FPGA Family
EP1C20F400 ALTERA-EP1C20F400 Datasheet
1Mb / 94P
   Cyclone FPGA Family
EP4CE55F23I7N ALTERA-EP4CE55F23I7N Datasheet
372Kb / 14P
   1. Cyclone IV FPGA Device Family Overview
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com