Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50061GAG Datasheet(PDF) 10 Page - Zarlink Semiconductor Inc

Part # ZL50061GAG
Description  16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50061GAG Datasheet(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button ZL50061GAG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 13Page - Zarlink Semiconductor Inc ZL50061GAG Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
ZL50060/1
Data Sheet
10
Zarlink Semiconductor Inc.
Figure 3 - ZL50060 PBGA Connections (256 PBGA, 17 mm x 17 mm) Pin Diagram
(as viewed through top of package)
Pinout Diagram: (as viewed through top of package)
A1 corner identified by metallized marking
12
345
67
89
10
11
12
13
14
15
16
A
A0
A1A2A3A4
DS
R/W
CS
BCSTo0 BCSTo1 BCSTo2 BCSTo3 LCSTo3 LCSTo2 LCSTo1 LCSTo0
B
BSTo0
BSTo1
BSTo2
BSTo3
A5
A6
A7
A8
A9
ODE
RESET
TMS
LSTo0
LSTo1
LSTo2
LSTo3
C
BSTo4
BSTo5
BSTo6
BSTo7
A10
A11
A12
A13
A14
DTA
TDi
TDo
LSTo4
LSTo5
LSTo6
LSTo7
D
BSTo8
BSTo9
BSTo10 BSTo11
BORS
IC_GND IC_GND IC_GND IC_GND
TCK
TRST
LORS
LSTo8
LSTo9
LSTo10
LSTo11
E
BSTo12 BSTo13 BSTo14 BSTo15 VDD_IO VDD_IO
VDD_
CORE
VDD_
CORE
VDD_
CORE
VDD_
CORE
VDD_IO VDD_IO LSTo12
LSTo13
LSTo14
LSTo15
F
BSTo16 BSTo17 BSTo18 BSTo19 VDD_IO
VDD_
CORE
GND
GND
GND
GND
VDD_
CORE
VDD_IO LSTo16
LSTo17
LSTo18
LSTo19
G
BSTo20 BSTo21 BSTo22 BSTo23 VDD_IO
GND
GND
GND
GND
GND
GND
VDD_IO LSTo20
LSTo21
LSTo22
LSTo23
H
BSTo24 BSTo25 BSTo26 BSTo27 VDD_IO
GND
GND
GND
GND
GND
GND
VDD_IO LSTo24
LST25
LSTo26
LSTo27
J
BSTo28 BSTo29 BSTo30 BSTo31
VDD_
CORE
GND
GND
GND
GND
GND
GND
VDD_
CORE
LSTo28
LSTo29
LSTo30
LSTo31
K
BSTi0
BSTi1
BSTi2
BSTi3
VDD_
CORE
GND
GND
GND
GND
GND
GND
VDD_
CORE
LSTi0
LSTi1
LSTi2
LSTi3
L
BSTi4
BSTi5
BSTi6
BSTi7
VDD_IO
VDD_
CORE
VDD_
CORE
GND
GND
VDD_
CORE
VDD_
CORE
VDD_IO
LSTi4
LSTi5
LSTi6
LSTi7
M
BSTi8
BSTi9
BSTi10
BSTi11 VDD_IO
D3
D2
D1
D0
VDD_
PLL
NC
VDD_IO
LSTi8
LSTi9
LSTi10
LSTi11
N
BSTi12
BSTi13
BSTi14
BSTi15
BSTi16
D7
D6
D5
D4
IC_
OPEN
IC_
OPEN
LSTi12
LSTi13
LSTi14
LSTi15
LSTi16
P
BSTi17
BSTi18
BSTi19
BSTi20
BSTi21
D11
D10
D9
D8
C16o
FP16o
LSTi17
LSTi18
LSTi19
LSTi20
LSTi21
R
BSTi22
BSTi23
BSTi24
BSTi25
BSTi26
D15
D14
D13
D12
FP8o
FP8i
LSTi22
LSTi23
LSTi24
LSTi25
LSTi26
T
BSTi27
BSTi28
BSTi29
BSTi30
BSTi31 IC_GND IC_GND IC_GND IC_GND
C8i
C8o
LSTi27
LSTi28
LSTi29
LSTi30
LSTi31


Similar Part No. - ZL50061GAG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50062GAC ZARLINK-ZL50062GAC Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50063GAC ZARLINK-ZL50063GAC Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
ZL50064 ZARLINK-ZL50064 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results

Similar Description - ZL50061GAG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
ZL50063 ZARLINK-ZL50063 Datasheet
453Kb / 60P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (32Mbps), and 32 Inputs and 32 Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com