Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTV12020LAH Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PTV12020LAH
Description  16-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTV12020LAH Datasheet(HTML) 4 Page - Texas Instruments

  PTV12020LAH Datasheet HTML 1Page - Texas Instruments PTV12020LAH Datasheet HTML 2Page - Texas Instruments PTV12020LAH Datasheet HTML 3Page - Texas Instruments PTV12020LAH Datasheet HTML 4Page - Texas Instruments PTV12020LAH Datasheet HTML 5Page - Texas Instruments PTV12020LAH Datasheet HTML 6Page - Texas Instruments PTV12020LAH Datasheet HTML 7Page - Texas Instruments PTV12020LAH Datasheet HTML 8Page - Texas Instruments PTV12020LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PTV12020W/L
SLTS231A – NOVEMBER 2004 – REVISED FEBRUARY 2005
operating at 25
°C free-air temperature, V
I = 12 V, VO = 1.8 V, C1 = 560 µF, C2 = 22 µF, C3 = 0 µF, and IO = IO max (unless
otherwise noted)
PTV12020L
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
IO
Output current
Natural convection airflow
0
16 (1)
A
VI
Input voltage range
Over IO load range
10.8
13.2
V
Set-point voltage tolerance
±2% (2)
Temperature variation
–40
°C <T
A < 85°C
±0.5%
Line regulation
Over VI range
±10
mV
VO
Load regulation
Over IO range
±12
mV
Total output variation
Includes set-point, line, load, –40
°C ≤ T
A≤ 85°C
±3 (2)
%Vo
Adjust range
Over VI range
0.8
1.8
V
RSET = 130 Ω, VO = 1.8 V
87%
RSET = 3.57 kΩ, VO = 1.5 V
85%
η
Efficiency
IO = IO max
RSET = 12.1 kΩ, VO = 1.2 V
83%
RSET = 32.4 kΩ, VO = 1 V
80%
RSET = open cct., VO = 0.8 V
77%
Output voltage ripple (pk-pk)
20-MHz bandwidth
2
%VO
IO (trip)
Overcurrent threshold
Reset, followed by auto-recovery
30
A
1-A/µs load step, 50 to 100% IO max, C3 = 330 µF
Transient response
Recovery time
70
µs
Vo over/undershoot
100
mV
IIL Input low current
Pin to GND
–0.13
mA
Track control (pin 9)
Control slew-rate limit
C3
≤ C3 (max)
1
V/ms
VIH Input high voltage
2
Open (3)
Referenced to GND
V
Inhibit control (pin 12)
VIL Input low voltage
–0.2
0.6
IIL Input low current
Pin to GND
–0.24
mA
II (stby)
Input standby current
Inhibit (pin 12) to GND, Track (pin 9) open
10
mA
VI increasing
9.5
10.4
UVLO
Undervoltage lockout
V
VI decreasing
8.8
9
ƒ
S
Switching frequency
Over VI and IO ranges
200
250
300
kHz
Nonceramic (C1)
560 (4)
External input capacitance
µF
Ceramic (C2)
22 (4)
Nonceramic
0
330 (5)
6,600 (6)
Capacitance value
µF
External output capacitance (C3)
Ceramic
0
300
Equivalent series resistance (nonceramic)
4 (7)
m
MTBF
Reliability
Per Telcordia SR-332, 50% stress, TA = 40°C, ground benign
4.9
106 Hrs
(1)
See thermal derating curves for safe operating area (SOA), or consult factory for appropriate derating.
(2)
The set-point voltage tolerance is affected by the tolerance and stability of RSET. The stated limit is unconditionally met if RSET has a
tolerance of 1%, with 100 ppm/
°C or better temperature stability.
(3)
This control pin is pulled up to an internal supply voltage. To avoid risk of damage to the module, do not apply an external voltage
greater than 7 V. If this input is left open-circuit, the module operates when input power is applied. A small low-leakage (<100 nA)
MOSFET is recommended for control. For further information, consult the related application note.
(4)
A 22-µF high-frequency ceramic capacitor and 560-µF electrolytic input capacitor are required for proper operation. The electrolytic
capacitor must be rated for the minimum ripple current rating. Consult the Application Information for guidance on input capacitor
selection.
(5)
An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load improves the
transient response.
(6)
This is the calculated maximum. The minimum ESR limitation often results in a lower value. Consult the Application Informaiton for
further guidance.
(7)
This is the typical ESR for all the electrolytic (nonceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values
to calculate.
4


Similar Part No. - PTV12020LAH

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PTV12020L ARTESYN-PTV12020L Datasheet
244Kb / 5P
   DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTV12020L EMERSON-NETWORKPOWER-PTV12020L Datasheet
244Kb / 5P
   DC-DC CONVERTERS
More results

Similar Description - PTV12020LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTV12010L TI-PTV12010L Datasheet
377Kb / 20P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010W TI-PTV12010W_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV12010L TI-PTV12010L_15 Datasheet
349Kb / 22P
[Old version datasheet]   8-A, 12-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03020W TI-PTV03020W_15 Datasheet
398Kb / 19P
[Old version datasheet]   18-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W_15 Datasheet
348Kb / 19P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05010W TI-PTV05010W Datasheet
963Kb / 19P
[Old version datasheet]   8-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W Datasheet
812Kb / 17P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV03010W TI-PTV03010W Datasheet
895Kb / 18P
[Old version datasheet]   8-A, 3.3-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTV05020W TI-PTV05020W_15 Datasheet
456Kb / 20P
[Old version datasheet]   18-A, 5-V INPUT NONISOLATED WIDE-OUTPUT ADJUST SIP MODULE
PTH04040W TI-PTH04040W_15 Datasheet
514Kb / 27P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com