Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM4204DS Datasheet(PDF) 1 Page - International Rectifier

Part # OM4204DS
Description  100 Amp, 45, 60 and 100 Volt Power Schottky Center-Tap Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM4204DS Datasheet(HTML) 1 Page - International Rectifier

  OM4204DS Datasheet HTML 1Page - International Rectifier OM4204DS Datasheet HTML 2Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.2 - 21
3.2
4 11 R2
Supersedes 1 07 R1
100 AMP SCHOTTKY CENTER-TAP IN HERMETIC
ISOLATED SIP PACKAGE
FEATURES
• Two Isolated Schottky Rectifiers In A Hermetic SIP Package
• Very Low Forward Voltage
• Low Recovery Charge
• Rugged Package Design
• High Efficiency For Low Voltage Supplies
• Center-Tap Configuration
• Common Cathode Standard
• Small Size
• Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This device has two Schottky diodes arranged in a common cathode configuration
and is ideally suited for a full wave output rectifier in low voltage switching power
supplies where small size and high reliability are required. Common anode
configuration also available.
ABSOLUTE MAXIMUM RATINGS (T
C = 25°C) Per Diode
Peak Reverse Voltage ........................................... 45, 60, 100 V
Maximum Average DC Output Current, Per Leg............................. 50 A
Peak Reverse Transient Current ........................................... 2 A
Non-Repetitive Peak Surge Current (8.3 mS) .............................. 700 A
Storage Temperature Range ................................. - 55°C to + 175° C
Operating Junction Temperature.............................. - 55°C to + 150° C
Package Themal Resistance Juntion to Case ............................ 1.25° C
OM4229SS/RS/DS
100 Amp, 45, 60 and 100 Volt Power Schottky
Center-Tap Module
OM4204SS/RS/DS
OM4228SS/RS/DS
PIN CONNECTION
1,2
3,4
5,6
COMMON
ANODE
COMMON
CATHODE
DOUBLER
1
3
2
1
3
2
1
2
3
Common cathode is standard. Contact the factory for performance
characteristics for common anode and doubler.
Z-Tab package also available.
SCHEMATIC
OMXXXXRS
OMXXXXSS
OMXXXXDS


Similar Part No. - OM4204DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM4201ST ETC1-OM4201ST Datasheet
18Kb / 2P
   16 Amp, 45 Volt Rating Center-Tap Rectifier
logo
Sensitron
OM4201ST SENSITRON-OM4201ST Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
logo
List of Unclassifed Man...
OM4201ST ETC2-OM4201ST Datasheet
23Kb / 2P
   HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER
logo
Sensitron
OM4201ST SENSITRON-OM4201ST_08 Datasheet
39Kb / 2P
   SILICON SCHOTTKY RECTIFIER- Common Cathode Ultra Low Reverse Leakage 175째C Operating Temperature
logo
List of Unclassifed Man...
OM4202DC ETC-OM4202DC Datasheet
17Kb / 2P
   HERMETIC TO-258AA DUAL POWER SCHOTTKY RECTIFIER
More results

Similar Description - OM4204DS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS3045 ETC-SPS3045 Datasheet
32Kb / 2P
   30 Amp 45 Volt Power Schottky Center-Tap
OM4201ST ETC1-OM4201ST Datasheet
18Kb / 2P
   16 Amp, 45 Volt Rating Center-Tap Rectifier
logo
New Jersey Semi-Conduct...
SD241 NJSEMI-SD241 Datasheet
110Kb / 2P
   40 and 60 Amp Dual Schottky Center Tap Rectifiers
logo
International Rectifier
40CDQ IRF-40CDQ Datasheet
246Kb / 5P
   40 AND 60 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
OM4003ST IRF-OM4003ST_15 Datasheet
22Kb / 2P
   10 Amp, 60 To 100 Volt Schottky Rectifiers
logo
Solid States Devices, I...
SSR2008CTM SSDI-SSR2008CTM Datasheet
178Kb / 2P
   20 AMPS 100 VOLTS CENTER TAP SCHOTTKY RECTIFIER
logo
International Rectifier
20CTQ030 IRF-20CTQ030 Datasheet
287Kb / 6P
   AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
New Jersey Semi-Conduct...
40CDQ NJSEMI-40CDQ Datasheet
166Kb / 2P
   4O and SO Amp Dual Schottky Center Tap Rectifiers
logo
List of Unclassifed Man...
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
logo
Sangdest Microelectroni...
301CNQ_SERIES SMC-301CNQ_SERIES Datasheet
206Kb / 4P
   Center tap module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com