Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA8652-EPU-SL Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA8652-EPU-SL
Description  9.9-12.5Gb/s Optical Modulator Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA8652-EPU-SL Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA8652-EPU-SL Datasheet HTML 3Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 4Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 5Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 6Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 7Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 8Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 9Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 10Page - TriQuint Semiconductor TGA8652-EPU-SL Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TriQuint Semiconductor Texas: (972)994 8465 Fax (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
June 14, 2005
7
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
12
RF(in)
Vd(RFout)
Vg
Vctrl
TGA8652
VDT
Application Circuit
for
4-8V Driver Application
Bias Tee
(PSPL 5542)
11
9
6
3
RF(out)
V+ (No Connection)
DC Block
(PSPL 5509)
C1
C3
C4
C5
C2
DESIGNATOR
DESCRIPTION
MANUFACTURER
PART NUMBER
C1, C3
1uF Capacitor MLC Ceramic
AVX
0603YC105KAT
C2, C4
10 uF Capacitor MLC Ceramic
AVX
0603YC106KAT
C5
0.01 uF Capacitor MLC
AVX
0603YC103KAT
Recommended Components:


Similar Part No. - TGA8652-EPU-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
More results

Similar Description - TGA8652-EPU-SL

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SCC-SL TRIQUINT-TGA4953-SCC-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953 TRIQUINT-TGA4953 Datasheet
920Kb / 13P
   9.9-11.2Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL_15 Datasheet
2Mb / 15P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4954-SL TRIQUINT-TGA4954-SL Datasheet
1Mb / 14P
   9.9 - 12.5 Gb/s Optical Modulator Driver
TGA4802-EPU TRIQUINT-TGA4802-EPU Datasheet
168Kb / 10P
   12.5Gb/s Modulator Driver Amplifier
TGA4823-2-SM TRIQUINT-TGA4823-2-SM Datasheet
1Mb / 16P
   9.9 -12.5 Gb/s Linear/Limiting Optical Modulator Driver
TGA4823-SM TRIQUINT-TGA4823-SM Datasheet
972Kb / 16P
   9.9 - 12.5 Gb/s Linear/Limiting Optical Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com