Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4902-SM Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4902-SM
Description  Ka-Band Packaged MPA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4902-SM Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TGA4902-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA4902-SM Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
November 15, 2005
6
Note: This device is early in the characterization process prior to finalizing all electrical specifications. Specifications are subject to change
without notice.
Package Pinout Diagram
Pin
Description
1, 5, 6, 10, 11, 15, 16, 20, 21
GND
2, 4, 7, 12, 14, 19
NC
3RF Input
8Vg1
9Vg2
13
RF Output
17
Vd1
18
Vd2
Bottom View
Top View
Dot indicates Pin 1
TGA4902-SM
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
TGA
4902
Date Code
Lot Code


Similar Part No. - TGA4902-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4902-SM TRIQUINT-TGA4902-SM Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
More results

Similar Description - TGA4902-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4902-SM TRIQUINT-TGA4902-SM_15 Datasheet
399Kb / 10P
   Ka Band Packaged MPA
TGA4509-SM TRIQUINT-TGA4509-SM Datasheet
128Kb / 9P
   Ka-Band Packaged 1W PA
TGA4509-SM TRIQUINT-TGA4509-SM_15 Datasheet
336Kb / 11P
   Ka-Band Packaged 1W PA
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
   4 Watt Ka Band Packaged Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM Datasheet
503Kb / 13P
   4 Watt Ka-Band Packaged HPA
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
logo
United Monolithic Semic...
CHU2277A98F UMS-CHU2277A98F_15 Datasheet
549Kb / 12P
   W-band Multifunction: Multiplier / MPA
CHU3377 UMS-CHU3377_15 Datasheet
125Kb / 4P
   W-band Multifunction: Multiplier / MPA
logo
TriQuint Semiconductor
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
   7 W Ka Band Packaged Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com