Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4816-EPU Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA4816-EPU
Description  10Gb/s Differential TIA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4816-EPU Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA4816-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGA4816-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGA4816-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGA4816-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGA4816-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGA4816-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGA4816-EPU Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TriQuint Semiconductor Texas Phone : (972)994-8465
Fax: (972)994-8504 Web: www.triquint.com
Advance Product Information
November 16, 2004
5
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
Mechanical Drawing
TGA4816-EPU


Similar Part No. - TGA4816-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4811 TRIQUINT-TGA4811 Datasheet
373Kb / 9P
   DC - 60 GHz Low Noise Amplifier
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
TGA4817-EPU TRIQUINT-TGA4817-EPU Datasheet
411Kb / 9P
   10Gb/s Wide Dynamic Range Differential TIA
TGA4819-SL TRIQUINT-TGA4819-SL Datasheet
385Kb / 11P
   10.7Gb/s Linear Optical Modulator Driver
More results

Similar Description - TGA4816-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4815-EPU TRIQUINT-TGA4815-EPU Datasheet
110Kb / 7P
   10Gb/s Differential TIA
TGA4817-EPU TRIQUINT-TGA4817-EPU Datasheet
411Kb / 9P
   10Gb/s Wide Dynamic Range Differential TIA
logo
ANADIGICS, Inc
ATA7601 ANADIGICS-ATA7601 Datasheet
194Kb / 8P
   5.0V 10Gb/s TIA
ATA7602 ANADIGICS-ATA7602 Datasheet
201Kb / 8P
   10GB/s Offset Control TIA
ATA7550 ANADIGICS-ATA7550 Datasheet
217Kb / 12P
   5.0V 2.5Gb/s TIA
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
logo
Integrated Device Techn...
HXR5004A IDT-HXR5004A Datasheet
148Kb / 2P
   4 Channel 10Gb/s Receiver
logo
Pulse A Technitrol Comp...
SFPPT-ER4-01 PULSE-SFPPT-ER4-01 Datasheet
318Kb / 9P
   10Gb/s 1550nm SFP 40kmTransceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com