Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4802-EPU Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA4802-EPU
Description  12.5Gb/s Modulator Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4802-EPU Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA4802-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGA4802-EPU Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994-8504 Email: info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 22, 2004
Notes:
1/ RF Probe Bias: V+ = 8 V, adjust Vg1 to achieve Id = 80 mA, Vctrl = +1.5 V
2/ Verified by design, TGA4802 assembled onto an evaluation platform as shown on page 9 then tested
using the application circuit and bias procedure detailed on pages 7 and 8.
3/ Vin = 2 V, Data Rate = 12.5 Gb/s, Vctrl and Vg are adjusted for maximum output.
4/ Computed using RSS Method where Jpp_additive = SQRT(Jpp_out2 - Jpp_in2)
TGA4802EPU
TABLE III
RF SPECIFICATIONS
(TA = 25
°C Nominal)
Bias Conditions: Vd = 7V Id = 170 mA
NOTE
TEST
MEASUREMENT
CONDITIONS
VALUE
UNITS
MIN
TYP
MAX
SMALL SIGNAL BW
18
GHz
1/
SMALL-SIGNAL
GAIN MAGNITUDE
2 - 10 GHz
12 - 18 GHz
14
10
dB
1/
INPUT RETURN LOSS
MAGNITUDE
2 - 14 GHz
10
dB
1/
OUTPUT RETURN LOSS
MAGNITUDE
2 - 14 GHz
12
dB
2/ 3/
SATURATED OUTPUT
POWER
2 - 12 GHz
22
dBm
2/, 3/
EYE AMPLITUDE
Vd(RFout) = 6V
Vd(RFout) = 5V
Vd(RFout) = 4V
7.0
6.0
5.0
Vpp
2/, 4/
ADDITIVE JITTER
5ps
2/, 4/
RISE TIME (20/80)
15
ps


Similar Part No. - TGA4802-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4803 TRIQUINT-TGA4803 Datasheet
570Kb / 9P
   DC to >50 GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803 Datasheet
565Kb / 9P
   DC to 50 GHz MPA with AGC
TGA4803 TRIQUINT-TGA4803_15 Datasheet
565Kb / 9P
   DC to 50 GHz MPA with AGC
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
More results

Similar Description - TGA4802-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA8652-SL TRIQUINT-TGA8652-SL_15 Datasheet
1Mb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SL TRIQUINT-TGA4953-SL_15 Datasheet
2Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA8652-EPU-SL TRIQUINT-TGA8652-EPU-SL Datasheet
871Kb / 14P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4953-SCC-SL TRIQUINT-TGA4953-SCC-SL Datasheet
1Mb / 19P
   9.9-12.5Gb/s Optical Modulator Driver
TGA4807 TRIQUINT-TGA4807 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
TGA4807 TRIQUINT-TGA4807_15 Datasheet
635Kb / 12P
   10.7Gb/s Modulator Driver Amplifier
logo
Texas Instruments
TRF3520 TI-TRF3520 Datasheet
284Kb / 17P
[Old version datasheet]   GSM RF MODULATOR/DRIVER AMPLIFIER
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
TGA4942-SL TRIQUINT-TGA4942-SL Datasheet
266Kb / 1P
   43Gb/s DPSK Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com