Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4510-EPU Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4510-EPU
Description  Ka-band Compact Driver Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4510-EPU Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4510-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGA4510-EPU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994 8504 Web: www.triquint.com
Advance Product Information
August 5, 2002
1
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
29-37 GHz Compact Driver Amplifier
TGA4510-EPU
Key Features
0.25 um pHEMT Technology
>16 dB Nominal Gain @ 30 GHz
16 dBm Nominal Psat
Bias Conditions: Vd = 6V, Id = 60 mA
Compact Chip Size: 1.1 x 0.8 x 0.1 mm3
Primary Applications
•LMDS
Point-to-Point
Base Stations
Fixtured Measured Performance
Bias Conditions: Vd = 6V, Id = 60 mA ± 5%
0
2
4
6
8
10
12
14
16
18
20
26
28
30
32
34
36
38
40
Frequency (GHz)
,
0
2
4
6
8
10
12
14
16
18
20
26
28
30
32
34
36
38
40
Frequency (GHz)
4
2
0
-2
-4
-6
-8
-10
Pwr(in)


Similar Part No. - TGA4510-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4510-SM TRIQUINT-TGA4510-SM Datasheet
403Kb / 11P
   Ka Band Compact Driver Amplifier
TGA4510-SM TRIQUINT-TGA4510-SM_15 Datasheet
403Kb / 11P
   Ka Band Compact Driver Amplifier
More results

Similar Description - TGA4510-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4510-SM TRIQUINT-TGA4510-SM_15 Datasheet
403Kb / 11P
   Ka Band Compact Driver Amplifier
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
TGA4541-SM TRIQUINT-TGA4541-SM_15 Datasheet
974Kb / 14P
   Ka Band Variable Gain Driver Amplifier
TGA4541-SM TRIQUINT-TGA4541-SM Datasheet
847Kb / 14P
   Ka-Band Variable Gain Driver Amplifier
TGA4517-EPU TRIQUINT-TGA4517-EPU Datasheet
135Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517 Datasheet
130Kb / 10P
   Ka-Band Power Amplifier
TGA4517 TRIQUINT-TGA4517_15 Datasheet
411Kb / 11P
   Ka Band Power Amplifier
TGA1319C-EPU TRIQUINT-TGA1319C-EPU Datasheet
221Kb / 6P
   Ka Band Wideband LNA/Driver
TGA1319C TRIQUINT-TGA1319C Datasheet
366Kb / 3P
   Ka Band Wideband LNA/Driver
logo
Eudyna Devices Inc
FMM5826X EUDYNA-FMM5826X Datasheet
413Kb / 13P
   Ka-Band Power Amplifier MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com