Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2923-SG Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2923-SG
Description  10 Watt MMDS Packaged Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2923-SG Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2923-SG Datasheet HTML 1Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 2Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 3Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 4Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 5Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 6Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 7Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 8Page - TriQuint Semiconductor TGA2923-SG Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Advance Product Information
Aug 16, 2005
2
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
TABLE I
MAXIMUM RATINGS 1/
Symbol
Parameter
Value
Notes
Vd
Drain Supply Voltage
10 V
2/
Vg
Gate Supply Voltage Range
0 V to -5 V
Id
Drain Supply Current
4 A
2/
| Ig |
Gate Current
39 mA
PIN
Input Continuous Wave Power
36 dBm
2/
PD
Power Dissipation
11.2 W
2/, 3/
TCH
Operating Channel Temperature
175
°C4/
TM
Mounting Temperature (30 Seconds)
260
°C
TSTG
Storage Temperature
-65 to 150
°C
1/
These ratings represent the maximum operable values for this device.
2/
Combinations of supply voltage, supply current, input power, and output power shall not
exceed PD.
3/
When operated at this bias condition with a base plate temperature of 85
°C, the MTTF
life is 2 E+8 hours.
4/
Junction operating temperature will directly affect the device median time to failure (TM).
For maximum life, it is recommended that junction temperatures be maintained at the
lowest possible levels.
TGA2923-SG


Similar Part No. - TGA2923-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
TGA2922-SG TRIQUINT-TGA2922-SG Datasheet
312Kb / 12P
   2 Watt 802.11a Packaged Amplifier
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2925-SG TRIQUINT-TGA2925-SG Datasheet
268Kb / 10P
   5.6 Watt 3.5GHz Packaged HPA
More results

Similar Description - TGA2923-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2924-SG TRIQUINT-TGA2924-SG Datasheet
268Kb / 11P
   10 Watt MMDS Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG Datasheet
126Kb / 14P
   2 Watt Packaged Amplifier
TGA2902-SCC-SG TRIQUINT-TGA2902-SCC-SG_15 Datasheet
132Kb / 14P
   2 Watt Packaged Amplifier
TGA2922-SG TRIQUINT-TGA2922-SG Datasheet
312Kb / 12P
   2 Watt 802.11a Packaged Amplifier
TGA2921-SG TRIQUINT-TGA2921-SG Datasheet
324Kb / 12P
   4 Watt 802.11a Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
   4 Watt Ka Band Packaged Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
   3 Watt Ka Band Packaged Amplifier
TGA2510-EPU-SG TRIQUINT-TGA2510-EPU-SG Datasheet
203Kb / 11P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com