Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2710 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2710
Description  10.5 - 12GHz High Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2710 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2710 Datasheet HTML 6Page - TriQuint Semiconductor TGA2710 Datasheet HTML 7Page - TriQuint Semiconductor TGA2710 Datasheet HTML 8Page - TriQuint Semiconductor TGA2710 Datasheet HTML 9Page - TriQuint Semiconductor TGA2710 Datasheet HTML 10Page - TriQuint Semiconductor TGA2710 Datasheet HTML 11Page - TriQuint Semiconductor TGA2710 Datasheet HTML 12Page - TriQuint Semiconductor TGA2710 Datasheet HTML 13Page - TriQuint Semiconductor TGA2710 Datasheet HTML 14Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
September 1, 2005
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
0
2
4
6
8
1012
1416
1820
Pin (dBm)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Pout
Gain
Id
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
0
2
4
6
8
1012
1416
1820
Pin (dBm)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
Pout
Gain
Id
TGA2710
Measured Data
Frequency @ 11GHz, Pulsed Power, 25% DC
Pout
Gain
Id
Pout
Id
Gain
Vd = 7V, Id = 1.4A
Vd = 8V, Id = 1.4A


Similar Part No. - TGA2710

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
313Kb / 16P
   10.5 to 12 GHz High Power Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
   10.5 to 12 GHz High Power Amplifier
More results

Similar Description - TGA2710

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
   8-12GHz High Power Amplifier
CHA6005-99F UMS-CHA6005-99F_15 Datasheet
283Kb / 10P
   8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2704 TRIQUINT-TGA2704_15 Datasheet
307Kb / 15P
   9 to 10.5 GHz High Power Amplifier
TGA2710 TRIQUINT-TGA2710_15 Datasheet
313Kb / 16P
   10.5 to 12 GHz High Power Amplifier
TGA8286 TRIQUINT-TGA8286 Datasheet
546Kb / 7P
   8 - 10.5 GHz Power Amplifier
logo
Tyco Electronics
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
MAAP-000079-PKG001 MACOM-MAAP-000079-PKG001 Datasheet
188Kb / 5P
   Amplifier, Power, 20W 7.5-10.5 GHz
MAAPGM0079-DIE MACOM-MAAPGM0079-DIE Datasheet
529Kb / 8P
   Amplifier, Power, 20W 7.5-10.5 GHz
MAAP-000079-PED000 MACOM-MAAP-000079-PED000 Datasheet
457Kb / 9P
   Amplifier, Power, 18W 7.5-10.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com