Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBMM Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LBMM
Description  Precision, 100UA Gain Selectable Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LBMM Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LBMM Datasheet HTML 6Page - Linear Integrated Systems LBMM Datasheet HTML 7Page - Linear Integrated Systems LBMM Datasheet HTML 8Page - Linear Integrated Systems LBMM Datasheet HTML 9Page - Linear Integrated Systems LBMM Datasheet HTML 10Page - Linear Integrated Systems LBMM Datasheet HTML 11Page - Linear Integrated Systems LBMM Datasheet HTML 12Page - Linear Integrated Systems LBMM Datasheet HTML 13Page - Linear Integrated Systems LBMM Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT1991
10
1991fb
representation of the circuit on the top. The LT1991 is
shown on the bottom configured in a precision gain of 5.5.
One of the benefits of the noninverting op amp configura-
tion is that the input impedance is extremely high. The
LT1991 maintains this benefit. Given the finite number of
available feedback resistors in the LT1991, the number of
gain configurations is also finite. The complete list of such
Hi-Z input noninverting gain configurations is shown in
Table 1. Many of these are also represented in Figure 5 in
schematic form. Note that the P-side resistor inputs have
been connected so as to match the source impedance
seen by the internal op amp inputs. Note also that gain and
noise gain are identical, for optimal precision.
Figure 3. Calculating Additional
Voltage Range of Inverting Inputs
VEXT (the high cm limit), as VMORE goes positive, the op
amp output will go more negative from VREF by the amount
VMORE • RF/RG, so:
VOUT = VREF – VMORE • RF/RG
Or:
VMORE = (VREF – VOUT) • RG/RF
The most negative that VOUT can go is VEE + 0.04V, so:
Max VMORE = (VREF – VEE – 0.04V) • RG/RF
(should be positive)
The situation where this function is negative, and therefore
problematic, when VREF = 0 and VEE = 0, has already been
dealt with in Figure 1. The strength of the equation is
demonstrated in that it provides the three solutions sug-
gested in Figure 1: raise VREF, lower VEE, or provide some
negative VMORE.
Likewise, from the lower common mode extreme, making
the negative input more negative will raise the output
voltage, limited by VCC – 0.04V.
MIN VMORE = (VREF – VCC + 0.04V) • RG/RF
(should be negative)
Figure 4. The LT1991 as a Classical Noninverting Op Amp
APPLICATIO S I FOR ATIO
+
VREF
RF
RF
RG
RG
1991 F03
VEXT
MAX OR MIN
VINT
VMORE
VCC
VEE
+
RF
RG
VIN
VIN
VOUT
VOUT
VOUT = GAIN • VIN
GAIN = 1 + RF/RG
+
1991 F04
50k
150k
450k
50k
150k
450k
450k
450k
8
6
5
9
10
1
2
3
LT1991
CLASSICAL NONINVERTING OP AMP CONFIGURATION.
YOU PROVIDE THE RESISTORS.
CLASSICAL NONINVERTING OP AMP CONFIGURATION
IMPLEMENTED WITH LT1991. RF = 225k, RG = 50k, GAIN = 5.5.
GAIN IS ACHIEVED BY GROUNDING, FLOATING OR FEEDING BACK
THE AVAILABLE RESISTORS TO ARRIVE AT DESIRED RF AND RG.
WE PROVIDE YOU WITH <0.1% RESISTORS.
4pF
4pF
Again, the additional input range calculated here is only
available provided the other remaining constraint is not
violated, the maximum voltage allowed on the pin.
The Classical Noninverting Amplifier: High Input Z
Perhaps the most common op amp configuration is the
noninverting amplifier. Figure 4 shows the textbook


Similar Part No. - LBMM

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
LBM017A-85 BOWEI-LBM017A-85 Datasheet
269Kb / 5P
   Digitally tuned Hopping filter
LBM037A-85 BOWEI-LBM037A-85 Datasheet
269Kb / 5P
   Digitally tuned Hopping filter
LBM038A-85 BOWEI-LBM038A-85 Datasheet
269Kb / 5P
   Digitally tuned Hopping filter
LBM039A-85 BOWEI-LBM039A-85 Datasheet
269Kb / 5P
   Digitally tuned Hopping filter
LBM040A-85 BOWEI-LBM040A-85 Datasheet
269Kb / 5P
   Digitally tuned Hopping filter
More results

Similar Description - LBMM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1996 LINER-LT1996 Datasheet
351Kb / 24P
   Precision, 100uA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
   Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
   Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
   Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com