Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLZ6V8A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FLZ6V8A
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FLZ6V8A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FLZ6V8A Datasheet HTML 1Page - Fairchild Semiconductor FLZ6V8A Datasheet HTML 2Page - Fairchild Semiconductor FLZ6V8A Datasheet HTML 3Page - Fairchild Semiconductor FLZ6V8A Datasheet HTML 4Page - Fairchild Semiconductor FLZ6V8A Datasheet HTML 5Page - Fairchild Semiconductor FLZ6V8A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
FLZ2V2 - FLZ39V Rev. A
Electrical Characteristics (Continued) T
A=25°C unless otherwise noted
Product
Group
Product
Name
VZ (V) @ IZT
ZZT(Ω)
@ IZT
IZT
(mA)
ZZK(Ω)
@ IZK
IZK
(mA)
IR(µA)
@ VR
VR(V)
Min.
Typ.
Max.
Max.
-
Max.
-
Max
-
FLZ10V
FLZ10VA
9.21
9.39
9.57
6.6
20
95
0.5
0.11
7
FLZ10VB
9.50
9.69
9.88
6.6
20
95
0.5
0.11
7
FLZ10VC
9.84
10.06
10.28
6.6
20
95
0.5
0.11
7
FLZ11V
FLZ11VA
10.2
10.41
10.61
8.5
10
95
0.5
0.133
8
FLZ11VB
10.53
10.73
10.92
8.5
10
95
0.5
0.133
8
FLZ11VC
10.85
11.04
11.23
8.5
10
95
0.5
0.133
8
FLZ12V
FLZ12VA
11.16
11.38
11.60
9.5
10
95
0.5
0.133
9
FLZ12VB
11.53
11.71
11.89
9.5
10
95
0.5
0.133
9
FLZ12VC
11.83
12.05
12.27
9.5
10
95
0.5
0.133
9
FLZ13V
FLZ13VA
12.21
12.45
12.68
11.4
10
95
0.5
0.133
10
FLZ13VB
12.62
12.87
13.12
11.4
10
95
0.5
0.133
10
FLZ13VC
13.07
13.33
15.38
11.4
10
95
0.5
0.133
10
FLZ15V
FLZ15VA
13.52
13.79
14.05
13.3
10
95
0.5
0.133
11
FLZ15VB
13.99
14.26
14.52
13.3
10
95
0.5
0.133
11
FLZ15VC
14.45
14.72
14.99
13.3
10
95
0.5
0.133
11
FLZ16V
FLZ16VA
14.90
15.19
15.47
15.2
10
132
0.5
0.133
12
FLZ16VB
15.36
15.65
15.93
15.2
10
132
0.5
0.133
12
FLZ16VC
15.83
16.14
16.45
15.2
10
132
0.5
0.133
12
FLZ18V
FLZ18VA
16.38
16.70
17.02
19.4
10
123
0.5
0.133
13
FLZ18VB
16.96
17.29
17.61
19.4
10
123
0.5
0.133
13
FLZ18VC
17.56
17.90
18.24
19.4
10
123
0.5
0.133
13
FLZ20V
FLZ20VA
18.17
18.52
18.86
23.5
10
170
0.5
0.133
15
FLZ20VB
18.78
19.13
19.48
23.5
10
170
0.5
0.133
15
FLZ20VC
19.42
19.80
20.18
23.5
10
170
0.5
0.133
15
FLZ20VD
19.93
20.30
20.67
23.5
10
170
0.5
0.133
15
FLZ22V
FLZ22VA
20.28
20.66
21.03
25.6
5
170
0.5
0.133
17
FLZ22VB
20.82
21.21
21.59
25.6
5
170
0.5
0.133
17
FLZ22VC
21.29
21.66
22.02
25.6
5
170
0.5
0.133
17
FLZ22VD
21.75
22.15
22.54
25.6
5
170
0.5
0.133
17
FLZ24V
FLZ24VA
22.32
22.69
23.06
29.0
5
170
0.5
0.133
19
FLZ24VB
22.81
23.24
23.67
29.0
5
170
0.5
0.133
19
FLZ24VC
23.35
23.78
24.21
29.0
5
170
0.5
0.133
19
FLZ24VD
23.87
24.31
24.75
29.0
5
170
0.5
0.133
19
FLZ27V
FLZ27VA
24.33
24.89
25.45
38
5
210
0.5
0.133
21
FLZ27VB
25.04
25.62
26.19
38
5
210
0.5
0.133
21
FLZ27VC
25.69
26.29
26.88
38
5
210
0.5
0.133
21
FLZ27VD
26.36
26.97
27.57
38
5
210
0.5
0.133
21
FLZ30V
FLZ30VA
27.07
27.69
28.31
46
5
210
0.5
0.133
23
FLZ30VB
27.77
28.41
29.05
46
5
210
0.5
0.133
23
FLZ30VC
28.44
29.09
29.74
46
5
210
0.5
0.133
23
FLZ30VD
29.10
29.77
30.43
46
5
210
0.5
0.133
23


Similar Part No. - FLZ6V8A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLZ6V8A FAIRCHILD-FLZ6V8A Datasheet
625Kb / 8P
   Zener Diodes
More results

Similar Description - FLZ6V8A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com