Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1858IG Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC1858IG
Description  8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1858IG Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC1858IG Datasheet HTML 4Page - Linear Integrated Systems LTC1858IG Datasheet HTML 5Page - Linear Integrated Systems LTC1858IG Datasheet HTML 6Page - Linear Integrated Systems LTC1858IG Datasheet HTML 7Page - Linear Integrated Systems LTC1858IG Datasheet HTML 8Page - Linear Integrated Systems LTC1858IG Datasheet HTML 9Page - Linear Integrated Systems LTC1858IG Datasheet HTML 10Page - Linear Integrated Systems LTC1858IG Datasheet HTML 11Page - Linear Integrated Systems LTC1858IG Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1857/LTC1858/LTC1859
185789f
FU CTIO AL BLOCK DIAGRA
2.5V
REFERENCE
INTERNAL
CLOCK
1.6384X
4.096V
8k
AGND1
CONTROL
LOGIC
SERIAL I/O
INPUT MUX
AND
RANGE
SELECT
AGND3
AGND2
REFCOMP
VREF
ADC
MUXOUT+
MUXOUT
ADC+
DGND
AVDD
DVDD
MUX ADDRESS AND RANGE
DATA OUT
CONVST
SDI
BUSY
SCK
RD
OVDD
SDO
1859 BD
12-/14-/16-BIT
SAMPLING ADC
+
COM
CH7
CH1
CH0
DGND (Pin 24): Digital Ground.
SDI (Pin 25): Serial Data Input.
SCK (Pin 26): Serial Data Clock.
PI FU CTIO S
RD (Pin 27): Read Input. This active low signal enables the
digital output pin SDO.
CONVST (Pin 28): Conversion Start. This active high
signal starts a conversion on its rising edge.
Load Circuits for Access Timing
1k
(A) Hi-Z TO VOH AND VOL TO VOH
25pF
1k
5V
DN
DN
(B) Hi-Z TO VOL AND VOH TO VOL
25pF
1859 TC01
Load Circuits for Output Float Delay
1k
(A) VOH TO Hi-Z
25pF
1k
5V
DN
DN
(B) VOL TO Hi-Z
25pF
1859 TC02
TEST CIRCUITS


Similar Part No. - LTC1858IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1858 LINER-LTC1858 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1858 LINER-LTC1858 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1858IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Technology
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com