Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1858CG Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC1858CG
Description  8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1858CG Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC1858CG Datasheet HTML 1Page - Linear Integrated Systems LTC1858CG Datasheet HTML 2Page - Linear Integrated Systems LTC1858CG Datasheet HTML 3Page - Linear Integrated Systems LTC1858CG Datasheet HTML 4Page - Linear Integrated Systems LTC1858CG Datasheet HTML 5Page - Linear Integrated Systems LTC1858CG Datasheet HTML 6Page - Linear Integrated Systems LTC1858CG Datasheet HTML 7Page - Linear Integrated Systems LTC1858CG Datasheet HTML 8Page - Linear Integrated Systems LTC1858CG Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1857/LTC1858/LTC1859
185789f
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage (OVDD = DVDD = AVDD = VDD) ........... 6V
Ground Voltage Difference
DGND, AGND1, AGND2, AGND3 ...................... ±0.3V
Analog Input Voltage
ADC+, ADC
(Note 3) ...................(AGND1 – 0.3V) to (AVDD + 0.3V)
CH0-CH7, COM .................................................. ±25V
Digital Input Voltage (Note 4) ...... (DGND – 0.3V) to 10V
Digital Output Voltage .... (DGND – 0.3V) to (DVDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1857C/LTC1858C/LTC1859C ............ 0°C to 70°C
LTC1857I/LTC1858I/LTC1859I .......... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C
TJMAX = 110°C, θJA = 95°C/W
(Notes 1, 2)
ORDER PART
NUMBER
LTC1857CG
LTC1857IG
LTC1858CG
LTC1858IG
LTC1859CG
LTC1859IG
Consult LTC Marketing for parts specified with wider operating temperature ranges.
PACKAGE/ORDER I FOR ATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
G PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
COM
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
MUXOUT+
MUXOUT
ADC+
ADC
AGND1
CONVST
RD
SCK
SDI
DGND
SDO
BUSY
OVDD
DVDD
AVDD
AGND3
AGND2
REFCOMP
VREF
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
MUXOUT connected to ADC inputs. (Notes 5, 6)
CO VERTER A D
ULTIPLEXER CHARACTERISTICS
LTC1857
LTC1858
LTC1859
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Resolution
12
14
16
Bits
No Missing Codes
12
14
15
Bits
Transition Noise
0.06
0.26
1
LSBRMS
Integral Linearity Error
(Notes 7, 15)
±1
±1.5
±3LSB
Differential Linearity Error
(Note 15)
–1
1
–1
1.5
–2
4
LSB
Bipolar Zero Error
(Note 8)
±9
±17
±28
LSB
Bipolar Zero Error Drift
±0.1
±0.1
±0.1
ppm/°C
Bipolar Zero Error Match
±4
±6
±10
LSB
Unipolar Zero Error
(Note 8)
±6
±15
±25
LSB
Unipolar Zero Error Drift
±1
±1
±1
ppm/°C
Unipolar Zero Error Match
±1.2
±2
±8LSB
Bipolar Full-Scale Error
External Reference (Note 11)
±0.35
±0.15
±0.1
%
Internal Reference (Note 11)
±0.45
±0.40
±0.4
%
Bipolar Full-Scale Error Drift
External Reference
±2.5
±2.5
±2.5
ppm/°C
Internal Reference
±7
±7
±7
ppm/°C
Bipolar Full-Scale Error Match
±5
±10
±15
LSB
Unipolar Full-Scale Error
External Reference (Note 11)
±0.45
±0.25
±0.20
%
Internal Reference (Note 11)
±0.75
±0.85
±0.75
%
Unipolar Full-Scale Error Drift
External Reference
±2.5
±2.5
±2.5
ppm/°C
Internal Reference
±7
±7
±7
ppm/°C
Unipolar Full-Scale Error Match
±5
±12
±15
LSB
Input Common Mode Range
Unipolar Mode
0 to 10
0 to 10
0 to 10
V
Bipolar Mode
±10
±10
±10
V
Input Common Mode Rejection Ratio
96
96
96
dB


Similar Part No. - LTC1858CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1858 LINER-LTC1858 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1858 LINER-LTC1858 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC1858 LINER-LTC1858 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC1858CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1857 LINER-LTC1857_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1858 LINER-LTC1858_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1859 LINER-LTC1859_15 Datasheet
391Kb / 22P
   8-Channel, 12-/14-/16-Bit, 100ksps SoftSpan A/D Converters with Shutdown
LTC1854 LINER-LTC1854_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1855 LINER-LTC1855_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1856 LINER-LTC1856_15 Datasheet
639Kb / 24P
   8-Channel, 10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
LTC1854 LINER-LTC1854 Datasheet
304Kb / 24P
   8-Channel, 짹10V Input 12-/14-/16-Bit, 100ksps ADC Converters with Shutdown
logo
Analog Devices
DC682A AD-DC682A Datasheet
354Kb / 6P
   8-Channel, 16-Bit, 100ksps SoftSpan ADC
logo
Linear Technology
LTC1274CSW LINER-LTC1274CSW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1關A Shutdown
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com