Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV797MMX Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV797MMX
Description  17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV797MMX Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV797MMX Datasheet HTML 4Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 5Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 6Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 7Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 8Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 9Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 10Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 11Page - National Semiconductor (TI) LMV797MMX Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Typical Performance Characteristics Unless otherwise specified, T
A = 25˚C, V
=0,V+ = Supply
Voltage = 5V, V
CM =V
+/2. (Continued)
Sinking Current vs. Output Voltage
Positive Output Swing vs. Supply Voltage
20183554
20183517
Negative Output Swing vs. Supply Voltage
Positive Output Swing vs. Supply Voltage
20183515
20183516
Negative Output Swing vs. Supply Voltage
Positive Output Swing vs. Supply Voltage
20183514
20183518
www.national.com
8


Similar Part No. - LMV797MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV797MMX/NOPB TI-LMV797MMX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
More results

Similar Description - LMV797MMX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1Mb / 30P
[Old version datasheet]   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV792 NSC-LMV792 Datasheet
1Mb / 21P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
Texas Instruments
LMV796 TI-LMV796_15 Datasheet
1,015Kb / 29P
[Old version datasheet]   LMV796/LMV796Q/LMV797 17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifiers
logo
National Semiconductor ...
LMV791 NSC-LMV791 Datasheet
1,005Kb / 16P
   17 MHz, Low Noise, CMOS Input, 1.8V Operational Amplifier
LMV793 NSC-LMV793 Datasheet
632Kb / 22P
   88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
Texas Instruments
LMV791 TI1-LMV791 Datasheet
1Mb / 34P
[Old version datasheet]   17-MHz, Low-Noise, CMOS Input, 1.8-V Operational Amplifiers
LMV793 TI1-LMV793 Datasheet
1Mb / 34P
[Old version datasheet]   LMV793/LMV794 88 MHz, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifiers
logo
National Semiconductor ...
LMP7717 NSC-LMP7717_08 Datasheet
1Mb / 24P
   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
logo
Texas Instruments
LMP7717 TI1-LMP7717 Datasheet
1Mb / 37P
[Old version datasheet]   88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
LMP7715 TI-LMP7715_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single and Dual Precision, 17 MHz, Low Noise, CMOS Input Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com