Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S64800CTL Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # HYB39S64800CTL
Description  64-MBit Synchronous DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S64800CTL Datasheet(HTML) 2 Page - Infineon Technologies AG

  HYB39S64800CTL Datasheet HTML 1Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 2Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 3Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 4Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 5Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 6Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 7Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 8Page - Infineon Technologies AG HYB39S64800CTL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
HYB 39S64400/800CT(L)
64-MBit Synchronous DRAM
Data Book
2
12.99
Ordering Information
Type
Ordering Code Package
Description
HYB 39S64400CT-7.5 PC133-333
P-TSOP-54-2 (400mil) 133 MHz 4B
× 4M x4 SDRAM
HYB 39S64400CT-8
PC100-222
P-TSOP-54-2 (400mil) 125 MHz 4B
× 4M x4 SDRAM
HYB 39S64800CT-7.5 PC133-333
P-TSOP-54-2 (400mil) 133 MHz 4B
× 2M x8 SDRAM
HYB 39S64800CT-8
PC100-222
P-TSOP-54-2 (400mil) 125 MHz 4B
× 2M x8 SDRAM
HYB 39S64xxx0CTL-8 PC100-222
P-TSOP-54-2 (400mil) Low Power (L-versions)
Pin Definitions and Functions
CLK
Clock Input
DQ
Data Input/Output
CKE
Clock Enable
DQM
Data Mask
CS
Chip Select
V
DD
Power (+ 3.3 V)
RAS
Row Address Strobe
V
SS
Ground
CAS
Column Address Strobe
V
DDQ
Power for DQ’s (+ 3.3 V)
WE
Write Enable
V
SSQ
Ground for DQ’s
A0 - A11
Address Inputs
N.C.
Not connected
BA0, BA1
Bank Select


Similar Part No. - HYB39S64800CTL

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S64800 SIEMENS-HYB39S64800 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-10 SIEMENS-HYB39S64800AT-10 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-8 SIEMENS-HYB39S64800AT-8 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-8B SIEMENS-HYB39S64800AT-8B Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S64800BT-7.5 INFINEON-HYB39S64800BT-7.5 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
More results

Similar Description - HYB39S64800CTL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S64160BT-8 INFINEON-HYB39S64160BT-8 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S64400 SIEMENS-HYB39S64400 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S512400AT QIMONDA-HYB39S512400AT Datasheet
1Mb / 21P
   512-Mbit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com