Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6822RART-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADM6822RART-RL
Description  Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6822RART-RL Datasheet(HTML) 4 Page - Analog Devices

  ADM6822RART-RL Datasheet HTML 1Page - Analog Devices ADM6822RART-RL Datasheet HTML 2Page - Analog Devices ADM6822RART-RL Datasheet HTML 3Page - Analog Devices ADM6822RART-RL Datasheet HTML 4Page - Analog Devices ADM6822RART-RL Datasheet HTML 5Page - Analog Devices ADM6822RART-RL Datasheet HTML 6Page - Analog Devices ADM6822RART-RL Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ADM6821–ADM6825
Preliminary Technical Data
Rev.PrA | Page 4 of 7
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
1
2
34
5
ADM6822/
ADM6823
TOP VIEW
(Not to Scale)
VCC
RESET
GND
MR
WDI
1
2
34
5
ADM6821
TOP VIEW
(Not to Scale)
VCC
RESET
GND
MR
WDI
1
2
34
5
ADM6824
TOP VIEW
(Not to Scale)
VCC
RESET
GND
RESET
WDI
1
2
34
5
ADM6825
TOP VIEW
(Not to Scale)
VCC
RESET
GND
RESET
MR
Table 4. Pin Functional Descriptions
Pin No.
Name
Description
1
RESET (ADM6822/23/24/25)
Active-Low Reset Output, which is asserted whenever VCC is below the reset.threshold,
VTH.
Open-Drain Output Stage for ADM6822.
Push-Pull Output Stage for ADM6823/24/25.
RESET (ADM6821)
Active-High Reset Output
2
GND
Ground
3
MR (ADM6821/22/23)
Manual Reset Input. This is an active-low input which, when forced low for at least 1µs,
generates a reset.
Features a 52k
internal pull-up.
RESET (ADM6824/ADM6825)
Active-High Push-Pull Reset Output.
4
WDI (ADM6821/22/23/24)
Watchdog Input. Generates a reset if the voltage on the pin remains low or high for the
duration of the watchdog timeout. The timer is cleared if a logic transition occurs on this
pin or if a reset is generated.
MR (ADM6825)
Manual Reset Input.
5
VCC
Power Supply Voltage being Monitored
ESD CAUTION
`
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADM6822RART-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6822SYRJZ-RL7 AD-ADM6822SYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6822TYRJZ-RL7 AD-ADM6822TYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
More results

Similar Description - ADM6822RART-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6823SYRJZ-RL7 AD-ADM6823SYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com