Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39S64800CT-7.5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYB39S64800CT-7.5
Description  64-MBit Synchronous DRAM
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39S64800CT-7.5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYB39S64800CT-7.5 Datasheet HTML 2Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 3Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 4Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 5Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 6Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 7Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 8Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 9Page - Infineon Technologies AG HYB39S64800CT-7.5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
HYB 39S64400/800CT(L)
64-MBit Synchronous DRAM
Data Book
6
12.99
Signal Pin Description
Pin
Type
Signal Polarity Function
CLK
Input
Pulse
Positive
Edge
The system clock input. All of the SDRAM inputs are
sampled on the rising edge of the clock.
CKE
Input
Level
Active
High
Activates the CLK signal when high and deactivates the
CLK signal when low, thereby initiates either the Power
Down mode, Suspend mode, or the Self Refresh mode.
CS
Input
Pulse
Active
Low
CS enables the command decoder when low and disables
the command decoder when high. When the command
decoder is disabled, new commands are ignored but
previous operations continue.
RAS
CAS
WE
Input
Pulse
Active
Low
When sampled at the positive rising edge of the clock,
CAS, RAS, and WE define the command to be executed by
the SDRAM.
A0 - A11
Input
Level
During a Bank Activate command cycle, A0 - A11 define
the row address (RA0 - RA11) when sampled at the rising
clock edge.
During a Read or Write command cycle, A0 - An define the
column address (CA0 - CAn) when sampled at the rising
clock edge.CAn depends from the SDRAM organization:
16M x4 SDRAM
CAn = CA9 (Page Length = 1024 bits)
8M x8 SDRAM
CAn = CA8 (Page Length = 512 bits)
In addition to the column address, A10(= AP) is used to
invoke autoprecharge operation at the end of the burst read
or write cycle. If A10 is high, autoprecharge is selected and
BA0, BA1 defines the bank to be precharged. If A10 is low,
autoprecharge is disabled.
During a Precharge command cycle, A10 (= AP) is used in
conjunction with BA0 and BA1 to control which bank(s) to
precharge. If A10 is high, all four banks will be precharged
regardless of the state of BA0 and BA1. If A10 is low, then
BA0 and BA1 are used to define which bank to precharge.
BA0, BA1 Input
Level
Bank Select Inputs. Selects which bank is to be active.
DQx
Input
Output
Level
Data Input/Output pins operate in the same manner as on
conventional DRAMs.


Similar Part No. - HYB39S64800CT-7.5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S64800 SIEMENS-HYB39S64800 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-10 SIEMENS-HYB39S64800AT-10 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-8 SIEMENS-HYB39S64800AT-8 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S64800AT-8B SIEMENS-HYB39S64800AT-8B Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S64800BT-7.5 INFINEON-HYB39S64800BT-7.5 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
More results

Similar Description - HYB39S64800CT-7.5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39S64160BT-8 INFINEON-HYB39S64160BT-8 Datasheet
418Kb / 53P
   64-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S64400 SIEMENS-HYB39S64400 Datasheet
678Kb / 53P
   64 MBit Synchronous DRAM
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S512400AT QIMONDA-HYB39S512400AT Datasheet
1Mb / 21P
   512-Mbit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Siemens Semiconductor G...
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com