Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLZ3V3A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FLZ3V3A
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FLZ3V3A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FLZ3V3A Datasheet HTML 1Page - Fairchild Semiconductor FLZ3V3A Datasheet HTML 2Page - Fairchild Semiconductor FLZ3V3A Datasheet HTML 3Page - Fairchild Semiconductor FLZ3V3A Datasheet HTML 4Page - Fairchild Semiconductor FLZ3V3A Datasheet HTML 5Page - Fairchild Semiconductor FLZ3V3A Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
www.fairchildsemi.com
FLZ2V2 - FLZ39V Rev. A
Note :
1. Zener Voltage(Vz)
The zener voltage is measured with the device junction in the thermal equilibrium at the lead temperature (TL) at at 30°C ± 1°C and 3/8” lead length.
Product
Group
Product
Name
VZ (V) @ IZT
ZZT(Ω)
@ IZT
IZT
(mA)
ZZK(Ω)
@ IZK
IZK
(mA)
IR(µA)
@ VR
VR(V)
Min.
Typ.
Max.
Max.
-
Max.
-
Max
-
FLZ33V
FLZ33VA
29.76
30.45
31.14
55
5
210
0.5
0.133
25
FLZ33VB
30.40
31.10
31.80
55
5
210
0.5
0.133
25
FLZ33VC
30.99
31.70
32.41
55
5
210
0.5
0.133
25
FLZ33VD
31.57
32.30
33.03
55
5
210
0.5
0.133
25
FLZ36V
FLZ36VA
32.30
32.96
33.62
63
5
210
0.5
0.133
27
FLZ36VB
32.95
33.63
34.30
63
5
210
0.5
0.133
27
FLZ36VC
33.58
34.27
34.95
63
5
210
0.5
0.133
27
FLZ36VD
34.19
34.89
35.59
63
5
210
0.5
0.133
27
FLZ39V
FLZ39VA
34.86
35.57
36.28
72
5
210
0.5
0.133
30
FLZ39VB
35.53
36.26
36.99
72
5
210
0.5
0.133
30
FLZ39VC
36.18
36.92
37.66
72
5
210
0.5
0.133
30
FLZ39VD
36.82
37.58
38.33
72
5
210
0.5
0.133
30


Similar Part No. - FLZ3V3A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLZ3V3A FAIRCHILD-FLZ3V3A Datasheet
625Kb / 8P
   Zener Diodes
More results

Similar Description - FLZ3V3A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com