Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFZ44NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFZ44NPBF
Description  HEXFET-R Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFZ44NPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFZ44NPBF Datasheet HTML 1Page - International Rectifier IRFZ44NPBF Datasheet HTML 2Page - International Rectifier IRFZ44NPBF Datasheet HTML 3Page - International Rectifier IRFZ44NPBF Datasheet HTML 4Page - International Rectifier IRFZ44NPBF Datasheet HTML 5Page - International Rectifier IRFZ44NPBF Datasheet HTML 6Page - International Rectifier IRFZ44NPBF Datasheet HTML 7Page - International Rectifier IRFZ44NPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFZ44NPbF
HEXFET® Power MOSFET
10/31/03
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.5
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
Thermal Resistance
www.irf.com
1
VDSS = 55V
RDS(on) = 17.5mΩ
ID = 49A
S
D
G
TO-220AB
Advanced HEXFET® Power MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The TO-220 package is universally preferred for all
commercial-industrial applications at power dissipation
levels to approximately 50 watts. The low thermal
resistance and low package cost of the TO-220 contribute
to its wide acceptance throughout the industry.
Advanced Process Technology
Ultra Low On-Resistance
Dynamic dv/dt Rating
175°C Operating Temperature
Fast Switching
Fully Avalanche Rated
Lead-Free
Description
PD - 94787
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
49
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
35
A
IDM
Pulsed Drain Current
160
PD @TC = 25°C
Power Dissipation
94
W
Linear Derating Factor
0.63
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current
25
A
EAR
Repetitive Avalanche Energy
9.4
mJ
dv/dt
Peak Diode Recovery dv/dt
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)


Similar Part No. - IRFZ44NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFZ44NPBF IRF-IRFZ44NPBF Datasheet
231Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
logo
VBsemi Electronics Co.,...
IRFZ44NPBF VBSEMI-IRFZ44NPBF Datasheet
1,014Kb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
International Rectifier
IRFZ44NPBF IRF-IRFZ44NPBF_15 Datasheet
231Kb / 8P
   ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRFZ44NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS40N60K IRF-IRFPS40N60K Datasheet
140Kb / 8P
   HEXFET-R Power MOSFET
IRL1404S IRF-IRL1404S Datasheet
134Kb / 10P
   HEXFET-R Power MOSFET
IRL640S IRF-IRL640S Datasheet
271Kb / 8P
   HEXFET-R POWER MOSFET
IRLML5103PBF IRF-IRLML5103PBF Datasheet
228Kb / 8P
   HEXFET-R POWER MOSFET
IRLI520G IRF-IRLI520G Datasheet
179Kb / 6P
   HEXFET-R POWER MOSFET
IRF740LCPBF IRF-IRF740LCPBF Datasheet
1Mb / 8P
   HEXFET-R POWER MOSFET
IRFI9Z14G IRF-IRFI9Z14G Datasheet
184Kb / 6P
   HEXFET-R POWER MOSFET
IRFBC40LC IRF-IRFBC40LC Datasheet
176Kb / 8P
   HEXFET-R POWER MOSFET
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com