Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF4320HZKFR Datasheet(PDF) 2 Page - Texas Instruments

Part # CF4320HZKFR
Description  CompactFlasH-TM BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CF4320HZKFR Datasheet(HTML) 2 Page - Texas Instruments

  CF4320HZKFR Datasheet HTML 1Page - Texas Instruments CF4320HZKFR Datasheet HTML 2Page - Texas Instruments CF4320HZKFR Datasheet HTML 3Page - Texas Instruments CF4320HZKFR Datasheet HTML 4Page - Texas Instruments CF4320HZKFR Datasheet HTML 5Page - Texas Instruments CF4320HZKFR Datasheet HTML 6Page - Texas Instruments CF4320HZKFR Datasheet HTML 7Page - Texas Instruments CF4320HZKFR Datasheet HTML 8Page - Texas Instruments CF4320HZKFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
CARD-DETECT CIRCUIT
BUS-TRANSCEIVER CIRCUIT
Command and Status Bits
CF4320H
CompactFlash™ BUS-INTERFACE CHIP
WITH
±15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SCES655 – APRIL 2006
The CF4320H has an integrated card-detect circuit that generates a LOW card-detect signal when a CF card is
plugged into the socket. This circuit is supplied by a separate power-supply pin, VCC_SD, which operates from
1.65 V to 5.5 V. The card-detect signal can be used to control a voltage regulator, which may power the CF slot
and the CF side of the CF4320H. The inputs to this circuitry (CD1 and CD2) have internal pullup resistors to pull
them to a HIGH logic state if there is no card in the CF slot. VCC_SD is particularly helpful when the core
processor operates at a low VCC, but the regulator needs a higher control-signal voltage.
CARD-DETECT SIGNALS
INPUTS
OUTPUT
SCD
CD1
CD2
L
L
L
L
H
H
H
L
H
H
H
H
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
LFBGA – GKF
Tape and reel
CF4320HGKFR
CF4320
–40
°C to 85°C
LFBGA – ZKF
Tape and reel
CF4320HZKFR
CF4320
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Most CF controllers are embedded in processors or microcontrollers and use GPIOs to send command signals
and receive status signals from the card to manage operation. The CF interface consists of eight control signals
and six status signals. The CF standard requires that each of these signals have a 100-k
Ω pullup resistor. The
CF4320H includes an internal 100-k
Ω pullup resistor on the input of each of these signals, which saves board
real estate and lowers overall system cost
COMMAND LINE BUFFERS(1)
(BVD1, BVD2, INPACK, OE, IORD, IOWR,
READY, REG, CE1, CE2, WAIT, WE, WP)
INPUTS
OUTPUT
MASTER_EN
BUF_EN
INPUT
L
L
H
H
L
L
L
L
L
H
X
Z, Command line buffer inputs can float.
H
X
X
Z, low-power mode
(1)
X = H or L
RESET(1)
INPUTS
OUTPUT
RESET
MASTER_EN
SRESET
L
H
H
L
L
L
H
X
Z, low-power mode
(1)
X = H or L
2
Submit Documentation Feedback


Similar Part No. - CF4320HZKFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CF4320HZKFR TI-CF4320HZKFR Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
More results

Similar Description - CF4320HZKFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CF4320H TI-CF4320H_09 Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
TPD4E002 TI1-TPD4E002_14 Datasheet
614Kb / 12P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002_10 Datasheet
306Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
logo
STMicroelectronics
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
   Parallel port single termination network with 짹15 kV ESD protection
logo
Analog Devices
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com