Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF4320HZKFR Datasheet(PDF) 9 Page - Texas Instruments

Part # CF4320HZKFR
Description  CompactFlasH-TM BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CF4320HZKFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button CF4320HZKFR Datasheet HTML 5Page - Texas Instruments CF4320HZKFR Datasheet HTML 6Page - Texas Instruments CF4320HZKFR Datasheet HTML 7Page - Texas Instruments CF4320HZKFR Datasheet HTML 8Page - Texas Instruments CF4320HZKFR Datasheet HTML 9Page - Texas Instruments CF4320HZKFR Datasheet HTML 10Page - Texas Instruments CF4320HZKFR Datasheet HTML 11Page - Texas Instruments CF4320HZKFR Datasheet HTML 12Page - Texas Instruments CF4320HZKFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
SD07−SD00
D07−D00
SD15−SD08
8
8
A10−A00
SA10−SA00
SRESET
RESET
11
11
7
7
6
6
2
DIR_OUT
D15−D08
8
8
SCD
CE1, CE2, IORD,
IOWR, OE, REG, WE
BVD1, BVD2, INPACK,
READY, WAIT, WP
CD1
CD2
DIR(S/CF)
ENL
MASTER_EN
ENH
BUF_EN
SCE1, SCE2, SIORD,
SIOWR, SOE, SREG,
SWE
SBVD1, SBVD2, SINPACK,
SREADY, SWAIT, SWP
NOTE: R INT
≥ 100 kΩ
To 7 Other Channels
SIORD−INT
SOE−INT
SIORD−INT
SOE−INT
R INT
To 7 Other Channels
To 7 Other Channels
To 7 Other Channels
VCC_SD
VCC_SD
R INT
VCC_SD
R INT
VCC_S
VCC_CF
VCC_S
VCC_S
R INT
R INT
VCC_S
R INT
VCC_CF
CF4320H
CompactFlash™ BUS-INTERFACE CHIP
WITH
±15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SCES655 – APRIL 2006
LOGIC DIAGRAM
9
Submit Documentation Feedback


Similar Part No. - CF4320HZKFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CF4320HZKFR TI-CF4320HZKFR Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
More results

Similar Description - CF4320HZKFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CF4320H TI-CF4320H_09 Datasheet
593Kb / 29P
[Old version datasheet]   CompactFlash??BUS-INTERFACE CHIP WITH 짹15-kV ESD PROTECTION, TRANSLATION, AND CARD-DETECT CIRCUITRY
SN65C1167E TI-SN65C1167E Datasheet
741Kb / 19P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
TPD4E002 TI1-TPD4E002_14 Datasheet
614Kb / 12P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002_10 Datasheet
306Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
   Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2682E AD-ADM2682E_V01 Datasheet
502Kb / 24P
   5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. C
logo
STMicroelectronics
ST1284 STMICROELECTRONICS-ST1284_12 Datasheet
212Kb / 10P
   Parallel port single termination network with 짹15 kV ESD protection
logo
Analog Devices
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
   5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com