Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM6821TART-RL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6821TART-RL7
Description  Low Voltage Supervisory Circuits with Watchdog & Manual Reset in 5-Lead SOT-23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6821TART-RL7 Datasheet(HTML) 3 Page - Analog Devices

  ADM6821TART-RL7 Datasheet HTML 1Page - Analog Devices ADM6821TART-RL7 Datasheet HTML 2Page - Analog Devices ADM6821TART-RL7 Datasheet HTML 3Page - Analog Devices ADM6821TART-RL7 Datasheet HTML 4Page - Analog Devices ADM6821TART-RL7 Datasheet HTML 5Page - Analog Devices ADM6821TART-RL7 Datasheet HTML 6Page - Analog Devices ADM6821TART-RL7 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Preliminary Technical Data
ADM6821–ADM6825
Rev.PrA | Page 3 of 7
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
0.8
×VCC
V
VCC>=3.15V, ISOURCE=500uA,
reset not asserted
0.8
×VCC
V
VCC>=1.8V, ISOURCE=200uA,
reset not asserted
RESET Output Voltage High
0.8
×VCC
VCC>=4.25V, ISOURCE=800uA,
reset asserted
0.8
×VCC
VCC>=2.55V, ISOURCE=500uA,
reset asserted
0.8
×VCC
VCC>=1.50V, ISOURCE=100uA,
reset asserted
0.8
×VCC
VCC>=1.0V, ISOURCE=1uA,
reset asserted, TA=-40°C to +85°C
RESET Output Voltage Low
0.4
V
VCC>=4.75V, ISINK=3.2mA,
reset not asserted
0.3
V
VCC>=3.15V, ISINK=1.2mA,
reset not asserted
0.3
V
VCC>=1.8V, ISINK=500uA,
reset not asserted
WATCHDOG INPUT (ADM6821-ADM6824)
Watchdog Timeout Period
1.12
1.6
2.40
s
WDI Pulse Width
50
ns
VIL=0.4V, VIH=0.8
×VCC,
WDI Input Threshold
VIL
0.3xVCC
V
VIH
0.7xVCC
V
WDI Input Current
120
160
µA
VWDI= VCC, time average
-20
-15
µA
VWDI=0, time average
MANUAL RESET INPUT (ADM6821-ADM6823/ADM6825)
MR Input Threshold
0.3xVCC
V
0.7xVCC
V
MR Input Pulse Width
1
µs
MR Glitch Rejection
100
ns
MR Pull-up Resistance
25
50
75
k
MR to Reset Delay
200
ns
ABSOLUTE MAXIMUM RATINGS
Table 3. TA = 25°C unless otherwise noted.
Parameter
Rating
VCC
-0.3V to +6V
Output Current (RESET, RESET)
20mA
Operating Temperature Range
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
θJA Thermal Impedance
270°C/W
Lead Temperature
Soldering (10 sec)
300°C
Vapour Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.


Similar Part No. - ADM6821TART-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6821SYRJZ-RL7 AD-ADM6821SYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
More results

Similar Description - ADM6821TART-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6823SYRJZ-RL7 AD-ADM6823SYRJZ-RL7 Datasheet
252Kb / 12P
   Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM6316 AD-ADM6316_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com