Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW214EH Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # AQW214EH
Description  GU (General Use)-E Type 2-Channel (Form A) Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW214EH Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  AQW214EH Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW214EH Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW214EH Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AQW21rEH
119
TESTING
1
2
3
4
8
7
6
5
PhotoMOS
RELAYS
GU (General Use)-E Type
2-Channel (Form A) Type
mm inch
3.2
.126
6.4
.252
9.86
.388
2.9
.114
6.4
.252
9.86
.388
FEATURES
1. Reinforced insulation 5,000 V type
More than 0.4 mm internal insulation dis-
tance between inputs and outputs. Con-
forms to EN41003, EN60950 (reinforced
insulation).
2. Compact 8-pin DIP size
The device comes in a compact
(W)6.4
×(L)9.86×(H)3.2 mm
(W).252
×(L).388×(H).126 inch, 8-pin DIP
size (through hole terminal type).
3. Applicable for 2 Form A use as well
as two independent 1 Form A use
4. Controls low-level analog signals
PhotoMOS relays feature extremely low
closed-circuit offset voltage to enable
control of low-level analog signals without
distortion.
5. High sensitivity, high speed re-
sponse.
Can control a maximum 0.14 A load cur-
rent with a 5 mA input current. Fast oper-
ation speed of 0.5 ms (typical).
(AQW210EH)
6. Low-level off state leakage current
TYPICAL APPLICATIONS
• Modem
• Telephone equipment
• Security equipment
• Sensors
TYPES
*Indicate the peak AC and DC values.
Note:
For space reasons, the SMD terminal shape indicator "A" and the package type indicator "X" and "Z" are omitted from the seal.
Type
I/O isolation
voltage
Output rating*
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and
reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC type
Reinforced
5,000 V
350 V
120 mA
AQW210EH
AQW210EHA
AQW210EHAX
AQW210EHAZ
1 tube contains 40 pcs.
1 batch contains 400 pcs.
1,000 pcs.
400 V
100 mA
AQW214EH
AQW214EHA
AQW214EHAX
AQW214EHAZ
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Item
Symbol
AQW210EH (A)
AQW214EH (A)
Remarks
Input
LED forward current
IF
50mA
LED reverse voltage
VR
3V
Peak forward current
IFP
1A
f =100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75mW
Output
Load voltage (peak AC)
VL
350 V
400 V
Continuous load current
(peak AC)
IL
0.12 A (0.14 A)
0.1 A (0.13 A)
Peak AC, DC
( ): in case of using only 1 channel
Peak load current
Ipeak
0.36 A
0.3 A
100 ms (1 shot), VL= DC
Power dissipation
Pout
800mW
Total power dissipation
PT
850mW
I/O isolation voltage
Viso
5,000 V AC
Temperature lim-
its
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F


Similar Part No. - AQW214EH

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW214 NAIS-AQW214 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQW214 PANASONIC-AQW214 Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
logo
Nais(Matsushita Electri...
AQW214A NAIS-AQW214A Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQW214A PANASONIC-AQW214A Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQW214AX PANASONIC-AQW214AX Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
More results

Similar Description - AQW214EH

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
Nais(Matsushita Electri...
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Panasonic Battery Group
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
Panasonic Semiconductor
AQY282EH PANASONIC-AQY282EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
logo
Nais(Matsushita Electri...
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com