Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQW210EHA Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # AQW210EHA
Description  GU (General Use)-E Type 2-Channel (Form A) Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQW210EHA Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  AQW210EHA Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQW210EHA Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQW210EHA Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AQW21rEH
121
4. Turn off time vs. ambient temperature char-
acteristics
Sample: All types
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient tempera-
ture characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient temperature
characteristics
Sample: All types; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
0.05
0.1
0.15
0.2
0.3
–40
0.25
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
Ambient temperature,
°C
7. LED dropout voltage vs. ambient tempera-
ture characteristics
Sample: All types; LED current: 5 to 50 mA
8. Voltage vs. current characteristics of output
at MOS portion
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
9. Off state leakage current
Measured portion: between terminals 5 and 6, 7 and 8;
Ambient temperature: 25
°C 77°F
0
–20
–40
20
40
60
8085
1.5
1.4
1.3
1.2
1.1
1.0
0
5mA
50mA
30mA
20mA
10mA
Ambient temperature,
°C
5
3
–5
–3
140
120
60
40
–20
–40
–60
–80
–100
–120
–140
100
80
–2
–4
24
AQW210EH
AQW214EH
–1
20
1
Voltage, V
0
60
100
20
40
80
AQW214EH
AQW210EH
10
–3
10
–6
10
–9
10
–12
Load voltage, V
10. LED forward current vs. turn on time char-
acteristics
Sample: All types
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11. LED forward current vs. turn off time char-
acteristics
Sample: All types
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Applied voltage vs. output capacitance
characteristics
Sample: All types
Measured portion: between terminals 5 and 6, 7 and 8;
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
0
0.5
1
1.5
2
3
2.5
10
20
30
40
50
60
LED forward current, mA
0
0.05
0.1
10
020
30
40
0.2
50
60
0.15
LED forward current, mA
0
50
40
30
20
10
10
20
30
40
50
0
Applied voltage, V
5/7/2001
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - AQW210EHA

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW210 NAIS-AQW210 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQW210 PANASONIC-AQW210 Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
logo
Nais(Matsushita Electri...
AQW210A NAIS-AQW210A Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQW210A PANASONIC-AQW210A Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
AQW210AX PANASONIC-AQW210AX Datasheet
78Kb / 3P
   Compact DIP8-pin type of 60V to 600V load voltage High-speed inspection machines
More results

Similar Description - AQW210EHA

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW212 NAIS-AQW212 Datasheet
46Kb / 3P
   GU (General Use) Type [2-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
logo
Nais(Matsushita Electri...
AQW614 NAIS-AQW614 Datasheet
55Kb / 3P
   GU (General Use) Type [2-Channel (Form A Form B) Type]
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
Nais(Matsushita Electri...
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
List of Unclassifed Man...
AQW414 ETC-AQW414 Datasheet
39Kb / 2P
   GU (General Use) Type [2-Channel (Form B) Type]
logo
Panasonic Battery Group
AQW280EH PANASONICBATTERY-AQW280EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
logo
Panasonic Semiconductor
AQY282EH PANASONIC-AQY282EH Datasheet
738Kb / 5P
   GU (General Use)-E-Type [1,2-Channel (Form A) 5,6-Pin Type]
logo
Nais(Matsushita Electri...
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com