Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1211YRU Datasheet(PDF) 6 Page - Analog Devices

Part # ADG1211YRU
Description  1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1211YRU Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG1211YRU Datasheet HTML 2Page - Analog Devices ADG1211YRU Datasheet HTML 3Page - Analog Devices ADG1211YRU Datasheet HTML 4Page - Analog Devices ADG1211YRU Datasheet HTML 5Page - Analog Devices ADG1211YRU Datasheet HTML 6Page - Analog Devices ADG1211YRU Datasheet HTML 7Page - Analog Devices ADG1211YRU Datasheet HTML 8Page - Analog Devices ADG1211YRU Datasheet HTML 9Page - Analog Devices ADG1211YRU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADG1211/ADG1212/ADG1213
Preliminary Technical Data
Rev. PrE | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to VSS
35 V
VDD to GND
−0.3 V to +25 V
VSS to GND
+0.3 V to −25 V
Analog Inputs1
VSS – 0.3 V to VDD + 0.3 V
Digital Inputs1
GND – 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, S or D
100 mA (pulsed at 1 ms, 10%
duty cycle max)
Continuous Current, S or D
30 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Automotive (Y Version)
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP, θJA Thermal
Impedance
150.4°C/W
16-Lead LFCSP, θJA Thermal
Impedance
30.4°C/W
Lead Temperature, Soldering
Vapor Phase (60 s)
215°C
Infrared (15 s)
220°C
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Only one absolute maximum rating may be
applied at any one time.
Table 4. ADG1211/ADG1212 Truth Table
ADG1211 In
ADG1212 In
Switch Condition
0
1
On
1
0
Off
Table 5. ADG1213 Truth Table
Logic
Switch 1, 4
Switch 2, 3
0
Off
On
1
On
Off
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADG1211YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1211YRUZ AD-ADG1211YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YRUZ-REEL AD-ADG1211YRUZ-REEL Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211YRUZ-REEL7 AD-ADG1211YRUZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results

Similar Description - ADG1211YRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com