Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1213 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1213
Description  1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1213 Datasheet(HTML) 5 Page - Analog Devices

  ADG1213 Datasheet HTML 1Page - Analog Devices ADG1213 Datasheet HTML 2Page - Analog Devices ADG1213 Datasheet HTML 3Page - Analog Devices ADG1213 Datasheet HTML 4Page - Analog Devices ADG1213 Datasheet HTML 5Page - Analog Devices ADG1213 Datasheet HTML 6Page - Analog Devices ADG1213 Datasheet HTML 7Page - Analog Devices ADG1213 Datasheet HTML 8Page - Analog Devices ADG1213 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Preliminary Technical Data
ADADG1211/ADG1212/ADG1213
Rev. PrE | Page 5 of 16
Parameter
25°C
85°C
Y Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
µA typ
Digital Inputs = 0 V or VDD
5.0
µA max
IDD
0.001
µA typ
Digital Inputs = 5 V
5.0
µA max
1 Temperature range for Y Version is
−40°C to +125°C.
2 Guaranteed by design, not subject to production test.


Similar Part No. - ADG1213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YCPZ-500RL7 AD-ADG1213YCPZ-500RL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1213YCPZ-REEL7 AD-ADG1213YCPZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1213YRUZ-REEL AD-ADG1213YRUZ-REEL Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
More results

Similar Description - ADG1213

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com