Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2511 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TGA2511
Description  X-Band Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2511 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TGA2511 Datasheet HTML 1Page - TriQuint Semiconductor TGA2511 Datasheet HTML 2Page - TriQuint Semiconductor TGA2511 Datasheet HTML 3Page - TriQuint Semiconductor TGA2511 Datasheet HTML 4Page - TriQuint Semiconductor TGA2511 Datasheet HTML 5Page - TriQuint Semiconductor TGA2511 Datasheet HTML 6Page - TriQuint Semiconductor TGA2511 Datasheet HTML 7Page - TriQuint Semiconductor TGA2511 Datasheet HTML 8Page - TriQuint Semiconductor TGA2511 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Advance Product Information
July 14, 2005
2
TABLE I
MAXIMUM RATINGS 1/
SYMBOL
PARAMETER
VALUE
NOTES
Vd
Drain Voltage
[3.5 + (0.0125)(Id)] V
2/ 3/
Vg
Gate Voltage Range
-1 TO +0.5 V
Id
Drain Current (gate biased)
240 mA
2/ 4/
Ig
Gate Current
14 mA
4/
PIN
Input Continuous Wave Power
21 dBm
PD
Power Dissipation
See note 5/
2/
TCH
Operating Channel Temperature
117
0C6/ 7/
TM
Mounting Temperature (30 Seconds)
320
0C
TSTG
Storage Temperature
-65 to 150
0C
1/
These ratings represent the maximum operable values for this device.
2/
Combinations of supply voltage, supply current, input power, and output power shall not exceed
PD.
3/
Unit for Id is A
4/
Total current for the entire MMIC.
5/
For a median life time of 1E+6 hrs, Power dissipation is limited to:
PD(max) = (117
0C – T
BASE
0C) / TJC (0C/W)
Where TBASE is the base plate temperature,
TJC is on Table IV.
6/
Junction operating temperature will directly affect the device median time to failure (MTTF). For
maximum life, it is recommended that junction temperatures be maintained at the lowest possibl
levels.
7/
These ratings apply to each individual FET.
TGA2511
TABLE II
DC PROBE TESTS
(Ta = 25
0C, Nominal)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VBVGS, Q1
Breakdown Voltage Gate-
Source
-30
-5
V
VP, Q1,2,5,6
Pinch-Off Voltage
-0.7
-0.1
V
Q1, Q2, Q5, Q6 are 400 um FET.


Similar Part No. - TGA2511

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
More results

Similar Description - TGA2511

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528 Datasheet
450Kb / 7P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2511 TRIQUINT-TGA2511_15 Datasheet
404Kb / 15P
   X Band Low Noise Amplifier
TGA2512 TRIQUINT-TGA2512_15 Datasheet
513Kb / 19P
   X Band Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAL-010528 MA-COM-MAAL-010528_15 Datasheet
979Kb / 8P
   X-Band Low Noise Amplifier
logo
TriQuint Semiconductor
TGA2512 TRIQUINT-TGA2512 Datasheet
315Kb / 18P
   X-Band Low Noise Amplifier
TGA2600 TRIQUINT-TGA2600 Datasheet
166Kb / 9P
   X-band Ultra Low Noise Amplifier
logo
Tyco Electronics
MA01502D MACOM-MA01502D_1 Datasheet
319Kb / 6P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
MA01503D MACOM-MA01503D_1 Datasheet
348Kb / 7P
   X-Band Limiter/Low Noise Amplifier 8.5 -12.0 GHz
logo
Filtronic Compound Semi...
FMA411 FILTRONIC-FMA411 Datasheet
227Kb / 3P
   LOW-NOISE X-BAND MMIC
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
   Ka Band Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com