Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6138AEXR50-T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6138AEXR50-T
Description  0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6138AEXR50-T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6138AEXR50-T Datasheet HTML 5Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 6Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 7Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 8Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 9Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 10Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 11Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 12Page - Maxim Integrated Products MAX6138AEXR50-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
0.1%, 25ppm, SC70 Shunt Voltage Reference
with Multiple Reverse Breakdown Voltages
______________________________________________________________________________________
11
Detailed Description
The MAX6138 shunt reference uses the bandgap prin-
ciple to produce a stable, accurate voltage. The device
behaves similarly to an ideal zener diode; a fixed volt-
age is maintained across its output terminals when
biased with 60µA to 15mA of reverse current. The
MAX6138 behaves similarly to a silicon diode when
biased with forward currents up to 10mA.
Figure 3 shows a typical operating circuit. The
MAX6138 is ideal for providing a stable reference from
a high-voltage power supply.
Applications Information
The MAX6138’s internal pass transistor is used to main-
tain a constant output voltage (VSHUNT) by sinking the
necessary amount of current across a source resistor.
The source resistance (RS) is determined from the load
current (ILOAD) range, supply voltage (VS) variations,
VSHUNT, and desired quiescent current.
Choose the value of RS when VS is at a minimum and
ILOAD is at a maximum. Maintain a minimum ISHUNT of
60µA at all times. The RS value should be large enough
to keep ISHUNT less than 15mA for proper regulation
when VS is maximum and ILOAD is at a minimum. To
prevent damage to the device, ISHUNT should never
exceed 20mA.
Therefore, the value of RS is bounded by the following
equation:
[VS(MIN) - VR] / [60µA + ILOAD(MAX)] > RS >
[VS(MAX) - VR] / [20mA + ILOAD(MIN)]
Choosing a larger resistance minimizes the total power
dissipation in the circuit by reducing the shunt current
(PD(TOTAL) = VS X ISHUNT). Provide a safety margin to
incorporate the worst-case tolerance of the resistor
used. Ensure that the resistor’s power rating is ade-
quate, using the following general power equation:
PDR = ISHUNT
(VS(MAX) - VSHUNT)
Output Capacitance
The MAX6138 does not require an external capacitor
for operational stability and is stable for any output
capacitance.
Temperature Performance
The MAX6138 typically exhibits an output voltage tem-
perature coefficient within ±4ppm/°C. The polarity of
the temperature coefficient may be different from one
device to another; some may have positive coefficients,
and others may have negative coefficients.
Chip Information
TRANSISTOR COUNT: 70
PROCESS: BiCMOS
Pin Description
PIN
NAME
FUNCTION
1
+
Positive Terminal of the Shunt Reference
2
-
Negative Terminal of the Shunt Reference
3
N.C.
No Connection. Leave this pin unconnected or connect to Pin 2.
MAX6138
ILOAD
ISHUNT
RS
VS
VR
ISHUNT + ILOAD
Figure 3. Typical Operating Circuit


Similar Part No. - MAX6138AEXR50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR12-T MAXIM-MAX6138_EXR12-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR21-T MAXIM-MAX6138_EXR21-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR25-T MAXIM-MAX6138_EXR25-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR30-T MAXIM-MAX6138_EXR30-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
More results

Similar Description - MAX6138AEXR50-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6279 MAXIM-MAX6279 Datasheet
1Mb / 9P
   0.1%, 25ppm, Ceramic Shunt Voltage Reference
2019
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
   SC70, 1.8V, Nano-power Comparators with Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com