Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2505 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TGA2505
Description  13 - 17 GHz 2.5 Watt, 25dB Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2505 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TGA2505 Datasheet HTML 3Page - TriQuint Semiconductor TGA2505 Datasheet HTML 4Page - TriQuint Semiconductor TGA2505 Datasheet HTML 5Page - TriQuint Semiconductor TGA2505 Datasheet HTML 6Page - TriQuint Semiconductor TGA2505 Datasheet HTML 7Page - TriQuint Semiconductor TGA2505 Datasheet HTML 8Page - TriQuint Semiconductor TGA2505 Datasheet HTML 9Page - TriQuint Semiconductor TGA2505 Datasheet HTML 10Page - TriQuint Semiconductor TGA2505 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TriQuint Semiconductor Texas Phone : (972)994-8465
Fax: (972)994-8504 Web: www.triquint.com
Advance Product Information
April 5, 2006
10
Chip Assembly & Bonding Diagram
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
100pF
Vg
Input TFN
Output TFN
100pF
Vd
Off chip
R=10
:
Off chip
C=0.1
PF
Off chip
R=10
:
Off chip
C=0.1
PF
TGA2505


Similar Part No. - TGA2505

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505 Datasheet
595Kb / 12P
   13 17 GHz 2.5 Watt, 25dB Power Amplifier
TGA2505 TRIQUINT-TGA2505_15 Datasheet
595Kb / 12P
   13 17 GHz 2.5 Watt, 25dB Power Amplifier
More results

Similar Description - TGA2505

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2505 TRIQUINT-TGA2505_15 Datasheet
595Kb / 12P
   13 17 GHz 2.5 Watt, 25dB Power Amplifier
TGA2503-EPU TRIQUINT-TGA2503-EPU Datasheet
236Kb / 11P
   13 - 17 GHz 2 Watt, 32dB Power Amplifier
TGA2503 TRIQUINT-TGA2503_15 Datasheet
666Kb / 12P
   13 17 GHz 2 Watt, 32dB Power Amplifier
logo
Mimix Broadband
CMM1434-SM MIMIX-CMM1434-SM Datasheet
138Kb / 3P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM MIMIX-CMM1434-SM_07 Datasheet
155Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
CMM1434-SM_0708 MIMIX-CMM1434-SM_0708 Datasheet
134Kb / 4P
   13.50-14.50 GHz 2.5-Watt Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
   34 ??36 GHz 13 Watt GaN Power Amplifier
logo
Mimix Broadband
CMM2321-AK MIMIX-CMM2321-AK Datasheet
465Kb / 4P
   2.3 to 2.5 GHz 1 Watt Power Amplifier
logo
List of Unclassifed Man...
CMM2321 ETC-CMM2321 Datasheet
90Kb / 4P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
logo
Mimix Broadband
CMM2321 MIMIX-CMM2321 Datasheet
279Kb / 5P
   2.4 to 2.5 GHz 1 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com