Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA2503-EPU Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TGA2503-EPU
Description  13 - 17 GHz 2 Watt, 32dB Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2503-EPU Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TGA2503-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGA2503-EPU Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TriQuint Semiconductor Texas Phone : (972)994-8465 Fax: (972)994-8504 Web: www.triquint.com
Advance Product Information
December 17, 2002
4
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
Typical Fixtured Performance
TGA2503-EPU
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
11
12
13
14
15
16
17
18
19
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
11
12
13
14
15
16
17
18
19
Frequency (GHz)
S11
S22


Similar Part No. - TGA2503-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2503-SM TRIQUINT-TGA2503-SM Datasheet
153Kb / 11P
   32 dBm Ku-Band Amplifier
TGA2503-SM TRIQUINT-TGA2503-SM Datasheet
571Kb / 12P
   32 dBm Ku-Band Amplifier
TGA2503-SM TRIQUINT-TGA2503-SM_15 Datasheet
571Kb / 12P
   32 dBm Ku-Band Amplifier
More results

Similar Description - TGA2503-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2503 TRIQUINT-TGA2503_15 Datasheet
666Kb / 12P
   13 17 GHz 2 Watt, 32dB Power Amplifier
TGA2505 TRIQUINT-TGA2505 Datasheet
172Kb / 11P
   13 - 17 GHz 2.5 Watt, 25dB Power Amplifier
TGA2505 TRIQUINT-TGA2505_15 Datasheet
595Kb / 12P
   13 17 GHz 2.5 Watt, 25dB Power Amplifier
logo
Qorvo, Inc
QPA2229D QORVO-QPA2229D Datasheet
1Mb / 24P
   34 ??36 GHz 13 Watt GaN Power Amplifier
logo
TriQuint Semiconductor
TGA1152-SCC TRIQUINT-TGA1152-SCC Datasheet
548Kb / 7P
   13.75 - 15 GHz 2 Watt Power Amplifier
TQP9111 TRIQUINT-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Teledyne Technologies I...
CPA-13-6035 TELEDYNE-CPA-13-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6027 TELEDYNE-CPA-13-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6025 TELEDYNE-CPA-13-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com