Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6138BEXR33-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6138BEXR33-T
Description  0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6138BEXR33-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6138BEXR33-T Datasheet HTML 1Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 2Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 3Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 4Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 5Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 6Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 7Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 8Page - Maxim Integrated Products MAX6138BEXR33-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX6138 is a precision, two-terminal shunt mode,
bandgap voltage reference available in fixed reverse
breakdown voltages of 1.2205V, 2.048V, 2.5V, 3.0V,
3.3V, 4.096V, and 5.0V. Ideal for space-critical applica-
tions, the MAX6138 is offered in the subminiature 3-pin
SC70 surface-mount package (1.8mm X 1.8mm), 50%
smaller than comparable devices in SOT23 surface-
mount packages.
Laser-trimmed resistors ensure precise initial accuracy.
With a 25ppm/°C temperature coefficient, the device is
offered in three grades of initial accuracy ranging from
0.1% to 0.5%. The MAX6138 has a 60µA to 15mA shunt-
current capability with low-dynamic impedance, ensuring
stable reverse breakdown voltage accuracy over a wide
range of operating temperatures and currents.
The MAX6138 does not require an external stabilizing
capacitor while ensuring stability with capacitive loads.
The MAX6138 is a higher precision device in a smaller
package than the LM4040/LM4050.
Applications
Portable, Battery-Powered Equipment
Notebook Computers
Cell Phones
Industrial Process Control
Features
o Ultra-Small 3-Pin SC70 Package
o 0.1% (max) Initial Accuracy
o 25ppm/°C (max) Temperature Coefficient
Guaranteed Over -40°C to +85°C Temperature
Range
o Wide Operating Current Range: 60µA to 15mA
o Low 28µVRMS Output Noise (10Hz to 10kHz)
o 1.2205V, 2.048V, 2.5V, 3.0V, 3.3V, 4.096V, and 5.0V
Fixed Reverse Breakdown Voltages
o No Output Capacitors Required
o Stable with Capacitive Loads
0.1%, 25ppm, SC70 Shunt Voltage Reference
with Multiple Reverse Breakdown Voltages
________________________________________________________________ Maxim Integrated Products
1
MAX6138
ILOAD
ISHUNT
RS
VS
VR
ISHUNT + ILOAD
-
1
3
N.C.*
+
MAX6138
SC70
TOP VIEW
2
*PIN 3 MUST BE LEFT FLOATING
OR CONNECTED TO PIN 2.
PART
TEMP
RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX6138_EXR12-T -40°C to +85°C
3 SC70-3
1.2205
MAX6138_EXR21-T -40°C to +85°C
3 SC70-3
2.0480
MAX6138_EXR25-T -40°C to +85°C
3 SC70-3
2.5000
MAX6138_EXR30-T -40°C to +85°C
3 SC70-3
3.0000
MAX6138_EXR33-T -40°C to +85°C
3 SC70-3
3.3000
MAX6138_EXR41-T -40°C to +85°C
3 SC70-3
4.0960
MAX6138_EXR50-T -40°C to +85°C
3 SC70-3
5.0000
Pin Configuration
Selector Guide
Typical Operating Circuit
19-2090; Rev 2; 4/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information appears at end of data sheet.


Similar Part No. - MAX6138BEXR33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR12-T MAXIM-MAX6138_EXR12-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR21-T MAXIM-MAX6138_EXR21-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR25-T MAXIM-MAX6138_EXR25-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
MAX6138_EXR30-T MAXIM-MAX6138_EXR30-T Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
More results

Similar Description - MAX6138BEXR33-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6138 MAXIM-MAX6138_19 Datasheet
2Mb / 13P
   0.1%, 25ppm, SC70 Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
19-2090; Rev 3; 12/19
LM4040 MAXIM-LM4040 Datasheet
415Kb / 15P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
Rev 7; 11/11
LM4040 MAXIM-LM4040_V01 Datasheet
1Mb / 17P
   Improved Precision Micropower Shunt Voltage Reference with Multiple Reverse Breakdown Voltages
2019
MAX6279 MAXIM-MAX6279 Datasheet
1Mb / 9P
   0.1%, 25ppm, Ceramic Shunt Voltage Reference
2019
LM4050 MAXIM-LM4050_09 Datasheet
251Kb / 13P
   50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
   50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050 MAXIM-LM4050_11 Datasheet
495Kb / 14P
   50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
   SC70, 1.8V, Nano-power Comparators with Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com