Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF101A2S Datasheet(PDF) 1 Page - Rohm

Part # RF101A2S
Description  Fast recovery diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF101A2S Datasheet(HTML) 1 Page - Rohm

  RF101A2S Datasheet HTML 1Page - Rohm RF101A2S Datasheet HTML 2Page - Rohm RF101A2S Datasheet HTML 3Page - Rohm RF101A2S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RF101A2S
Diodes
1/3
Fast recovery diode
RF101A2S
Applications
External dimensions (Unit : mm)
General rectification
29±1
29±1
3.0±0.2
φ0.6±0.1
φ2.5±0.2
CATHODE BAND
ROHM : MSR
Manufacture Date
(GREEN)
Features
1) Cylindrical mold type. (MSR)
2) Ultra Low VF.
3) Ultra high switching.
4) Low switching loss.
5) High ESD.
Taping specifications (Unit : mm)
Construction
T-31 52.4±1.5
B5.0±0.5
C0.5MAX
D0
50.4±0.4
F0.3MAX
H1
6.0±0.5
H2
5.0±0.5
L1-L2
0.6MAX
*H1(6mm):BROWN
注) 累積ピッチの許容差は20ピッチで±1.5mm以下とする
記号
寸法規格値(mm)
T-32 26.0+0.4
-0
A
H2
H2
E
B
C
L2
L1
F
D
H1
H1
IVORY
BLUE
cf : cumulative pitch tolerance w ith 20 pitch than ±1.5mm
Mark
Stabdard dimension
value (mm)
Silicon epitaxial planar
Absolute maximum ratings (Ta=25
°C)
Symbol
Unit
V
R
200
R
A
For
Junct
S
(
RM
V
VR
V
Io
A
ward current surge peak (t=100µs)
IFSM
A
Tj
Tstg
-55 to +150
Parameter
everse voltage (DC)
everse voltage (repetitive peak)
200
Limits
verage rectified forward current (*1)
1
20
150
ion temperature
*1) Mounted on epoxy board. 180°Half sine wave
torage temperature
Electrical characteristic (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
0.815
0.87
V
IF=1.0A
Reverse current
IR
-0.01
10
µA
VR=200V
Reverse recovery time
trr
-12
25
ns
IF=0.5A,IR=1A,Irr=0.25*IR
Parameter
orward voltage
Conditions
F


Similar Part No. - RF101A2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF101A2S ROHM-RF101A2S Datasheet
168Kb / 4P
   Fast recovery diode
RF101A2S ROHM-RF101A2S_1 Datasheet
168Kb / 4P
   Fast recovery diode
More results

Similar Description - RF101A2S

ManufacturerPart #DatasheetDescription
logo
Rohm
RF501B2S ROHM-RF501B2S_09 Datasheet
468Kb / 4P
   Fast Recovery Diode
RF201L2S ROHM-RF201L2S Datasheet
135Kb / 4P
   Fast Recovery Diode
RF101L2S ROHM-RF101L2S Datasheet
181Kb / 4P
   Fast recovery diode
RF601T2D ROHM-RF601T2D_11 Datasheet
971Kb / 4P
   Fast recovery diode
RF301B2STL ROHM-RF301B2STL Datasheet
409Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
MP2-202S SANKEN-MP2-202S Datasheet
174Kb / 4P
   Fast Recovery Diode
logo
Shenzhen Taychipst Elec...
ERA22-02 TAYCHIPST-ERA22-02 Datasheet
2Mb / 2P
   FAST RECOVERY DIODE
logo
Rohm
RF071M2STR ROHM-RF071M2STR Datasheet
340Kb / 4P
   Fast Recovery Diode
logo
Sanken electric
FMN-3306S SANKEN-FMN-3306S Datasheet
190Kb / 7P
   Fast Recovery Diode
logo
Rohm
RF101L2STE25 ROHM-RF101L2STE25 Datasheet
352Kb / 4P
   Fast Recovery Diode
logo
Shindengen Electric Mfg...
M1FL40U SHINDENGEN-M1FL40U Datasheet
172Kb / 4P
   Fast Recovery Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com