Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA1141-EPU Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA1141-EPU
Description  33-36 GHz 2W Power Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA1141-EPU Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA1141-EPU Datasheet HTML 1Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 2Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 3Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 4Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 5Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 6Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 7Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 8Page - TriQuint Semiconductor TGA1141-EPU Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Advance Product Information
August 27, 2003
1
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
33-36 GHz 2W Power Amplifier
TGA1141-EPU
Primary Applications
Military Radar Systems
Ka Band Sat-Com
Point-to-Point Radio
Key Features
0.25 um pHEMT Technology
17 dB Nominal Gain
31 dBm Pout @ P1dB,
Psat 33dBm @ 6V , 34dBm @7V
Bias 6 - 7V @ Iq = 880 mA, Id = 1.3 A
at Psat
Chip Dimensions 4.13 x 3.30 x 0.1 mm
25
26
27
28
29
30
31
32
33
34
35
32
33
34
35
36
37
Frequency (GHz)
P1dB_ave
Psat_ave
10
12
14
16
18
20
22
30
32
34
36
38
40
Frequency (GHz)
Bias Conditions: Vd = 6 V, Id = 880 mA


Similar Part No. - TGA1141-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
More results

Similar Description - TGA1141-EPU

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6430 AVAGO-AMMC-6430 Datasheet
638Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Broadcom Corporation.
AMMC-6430 BOARDCOM-AMMC-6430 Datasheet
379Kb / 7P
   25 - 33 GHz Power Amplifier
logo
Tyco Electronics
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
MAAP-000064-PKG003 MACOM-MAAP-000064-PKG003 Datasheet
152Kb / 4P
   Amplifier, Power, 2W 6.5-9.5 GHz
logo
Transcom, Inc.
TC1985 TRANSCOM-TC1985 Datasheet
100Kb / 4P
   29 - 36 GHz 2W PA MMIC
logo
TriQuint Semiconductor
TGA1071 TRIQUINT-TGA1071 Datasheet
307Kb / 5P
   36 - 40 GHz Power Amplifier
TGA1073C-SCC TRIQUINT-TGA1073C-SCC_15 Datasheet
321Kb / 6P
   36 40 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com