Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AUC16244K Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74AUC16244K
Description  1.8V 16-Bit Buffer/Driver with 3-State Outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AUC16244K Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74AUC16244K Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AUC16244K Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AUC16244K Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AUC16244K Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AUC16244K Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AUC16244K Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AUC16244K Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PI74AUC16244
1.8V 16-Bit Buffer Driver
with 3-State Outputs
3
PS8731
08/16/04
Recommended Operating Conditions(1)
Parameters
Description
Operating Conditions
Min.
Max.
Units
VCC
SupplyVoltage
0.8
2.7
V
VIH
High-Level Input Voltage
VCC = 0.8V
VCC
VCC = 1.1V to 1.95V
0.65 x VCC
VCC = 2.3V to 2.7V
1.7
VIL
Low-Level Input Voltage
VCC = 0.8V
0
VCC = 1.1V to 1.95V
0.35 x VCC
VCC = 2.3V to 2.7V
0.7
VI
Input Voltage
0
3.6
VO
Output Voltage
Active State
0
VCC
3-state
0
3.6
IOH
High-Level Output Current
VCC = 0.8V
mA
VCC = 1.1V
VCC = 1.4V
VCC = 1.65V
VCC = 2.3V
IOL
Low-Level Output Current
VCC = 0.8V
VCC = 1.1V
VCC = 1.4V
VCC = 1.65V
VCC = 2.3V
∆t/∆v
Input Transition Rise or Fall Rate
5
ns/V
TA
Operating Free-Air Temperature
-40
85
°C
Note:
1.
All unused inputs must be held at VCC or GND to ensure proper device operation.


Similar Part No. - PI74AUC16244K

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AUC164245 PERICOM-PI74AUC164245 Datasheet
507Kb / 9P
   16-Bit 0.8V to 2.7V Scaled Configurable Level Shifting Transceiver with 3-State Outputs1DIR1OE1B11471A1To
PI74AUC164245A PERICOM-PI74AUC164245A Datasheet
507Kb / 9P
   16-Bit 0.8V to 2.7V Scaled Configurable Level Shifting Transceiver with 3-State Outputs1DIR1OE1B11471A1To
PI74AUC164245K PERICOM-PI74AUC164245K Datasheet
507Kb / 9P
   16-Bit 0.8V to 2.7V Scaled Configurable Level Shifting Transceiver with 3-State Outputs1DIR1OE1B11471A1To
More results

Similar Description - PI74AUC16244K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com