Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F74UV Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB15F74UV
Description  ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F74UV Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB15F74UV Datasheet HTML 1Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 2Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 3Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 4Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 5Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 6Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 7Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 8Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
MB15F74UV
Aug. 2003
Edition 0.2
PIN DESCRIPTIONS
Pin No.
Pin
name
I/O
Descriptions
1
GND
-
Ground for OSC input buffer and the shift registor circuit.
2finIF
I
Prescaler input pin for the IF-PLL section.
Connection to an external VCO should be AC coupling.
3XfinIF
I
Prescaler complimentary input for the IF-PLL section.
This pin should be grounded via a capacitor.
4GNDIF
-
Ground for the IF-PLL section.
5VccIF
-
Power supply voltage input pin for the IF-PLL section(except for the
charge pump circuit), the shift register and the oscillator input buffer.
When power is OFF, latched data of IF-PLL is lost.
6DoIF
O
Charge pump output for the IF-PLL section.
Phase characteristics of the phase detector can be reversed by FC-bit.
7PSIF
I
Power saving mode control for the IF-PLL section. This pin must be set
at ”L” Power-ON. (Open is prohibited.)
PSIF = ”H” ; Normal mode PSIF = ”L” ; Power saving mode
8LD/fout
O
Lock detect signal output(LD)/ phase comparator monitoring outut
(fout). The output signal is selected by a LDS bit in a serial data.
LDS bit = "1" ; outputs fout signal LDS bit = "0" ; outputs LD sihnal
9PSRF
I
Power saving mode control for the RF-PLL section. This pin must be
set at ”L” Power-ON. (Open is prohibited.)
PSRF = ”H” ; Normal mode PSRF = ”L” ; Power saving mode
10
DoRF
O
Charge pump output for the RF-PLL section.
Phase characteristics of the phase detector can be reversed by FC-bit.
11
VccRF
-
Power supply voltage input pin for the RF-PLL section(except for the
charge pump circuit).
12
GNDRF
-
Ground for the RF-PLL section.
13
XfinRF
I
Prescaler complimentary input for the RF-PLL section.
This pin should be grounded via a capacitor.
14
finRF
I
Prescaler input pin for the RF-PLL.
Connction to an external VCO should be AC coupling.
15
LE
I
Load enable signal input (with the schmitt trigger circuit.)
When LE is set "H", data in the shift register is transferred to the corre-
sponding latch according to the control bit in a serial data.
16
Data
I
Serial data input (with the schmitt trigger circuit.)
A data is transferred to the corresponding latch (IF-ref counter, IF-prog.
counter, RF-ref. counter, RF-prog. counter) according to the control bit
in a serial data.
17
Clock
I
Clock input for the 23-bit shift register (with the schmitt trigger circuit.)
One bit data is shifted into the shift register on a rising edge of the
clock.
18
OSCIN
I
The programmable reference divider input. TCXO should be connected
with a AC coupling capacitor.


Similar Part No. - MB15F74UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F74UV FUJITSU-MB15F74UV Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UVPVB FUJITSU-MB15F74UVPVB Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F74UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F76UV FUJITSU-MB15F76UV Datasheet
151Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
MB15F76UL FUJITSU-MB15F76UL Datasheet
117Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL Datasheet
155Kb / 18P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB1504 FUJITSU-MB1504 Datasheet
241Kb / 19P
   ASSP SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com