Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB15F74UV Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB15F74UV
Description  ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F74UV Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB15F74UV Datasheet HTML 4Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 5Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 6Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 7Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 8Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 9Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 10Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 11Page - Fujitsu Component Limited. MB15F74UV Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
MB15F74UV
Aug. 2003
Edition 0.2
FUNCTIONAL DESCRIPTIONS
The divide ratio can be calculated using the following equation:
fVCO = {(P x N) + A} x fOSC
÷ R
fVCO:
Output frequency of external voltage controlled oscillator (VCO)
P:
Preset divide ratio of dual modulus prescaler (32 or 64 for IF-PLL, 64 or 128 for RF-PLL)
N:
Preset divide ratio of binary 11-bit programmable counter (3 to 2,047)
A:
Preset divide ratio of binary 7-bit swallow counter (0
≤ A ≤ 127, condition;A < N)
fOSC:
Reference oscillation frequency
R:
Preset divide ratio of binary 14-bit programmable reference counter (3 to 16,383)
Serial Data Input
Serial data is entered using three pins, Data pin, Clock pin, and LE pin. Programmable dividers of IF/RF-PLL
sections, programmable reference dividers of IF/RF-PLL sections are controlled individually.
Serial data of binary data is entered through Data pin.
On a rising edge of clock, one bit of serial data is transferred into the shift register. On a rising edge of load enable
signal , the data stored in the shift register is transferred to one of latch of them depending upon the control bit data
setting.
Table1. Control Bit
Shift Register Configuration
Control bit
Destination of serial data
CN1
CN2
00
The programmable reference counter for the IF-PLL.
10
The programmable reference counter for the RF-PLL.
01
The programmable counter and the swallow counter for the IF-PLL
11
The programmable counter and the swallow counter for the RF-PLL
Programmable Reference Counter
C
N
1
1
2
T
1
3
R
1
4
R
2
5
R
3
6
R
4
7
R
5
8
R
6
9
R
7
10
R
8
11
R
9
12
R
10
13
R
11
14
R
12
15
R
13
16
R
14
17
LSB
MSB
Data Flow
C
N
2
T
2
18
CN1, 2
: Control bit
[Table. 1]
R1 to R14
: Divide ratio setting bits for the programmable reference counter (3 to 16,383)
[Table. 2]
T1, 2
: LD/fout output setting bit
[Table. 3]
CS
: Charge pump current select bit
[Table. 8]
X
: Dummy bits(Set "0" or "1")
NOTE: Data input with MSB first.
19
20
21
22
23
C
S
X
X
X
X


Similar Part No. - MB15F74UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F74UV FUJITSU-MB15F74UV Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UVPVB FUJITSU-MB15F74UVPVB Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F74UV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F76UV FUJITSU-MB15F76UV Datasheet
151Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer(Small Package)
MB15F76UL FUJITSU-MB15F76UL Datasheet
117Kb / 17P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB15F73UL FUJITSU-MB15F73UL Datasheet
155Kb / 18P
   ASSP Dual Serial Input PLL Frequency Synthesizer
MB1504 FUJITSU-MB1504 Datasheet
241Kb / 19P
   ASSP SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com