Electronic Components Datasheet Search |
|
MAX9595 Datasheet(PDF) 2 Page - Maxim Integrated Products |
|
MAX9595 Datasheet(HTML) 2 Page - Maxim Integrated Products |
2 / 28 page Audio/Video Switch for Dual SCART Connector 2 _______________________________________________________________________________________ ABSOLUTE MAXIMUM RATINGS ELECTRICAL CHARACTERISTICS (V12 = 12V, VVID = VAUD = 5V; 0.1µF X5R capacitor in parallel with a 10µF aluminum electrolytic capacitor from VAUD to GNDAUD, V12 to GNDAUD, and VVID to GNDVID; SET = 100kΩ nominal, RLOAD = 150Ω, TA = 0°C to +70°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1) Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. VVID to GNDVID........................................................-0.3V to +6V V12 to GNDAUD .....................................................-0.3V to +14V VAUD to GNDAUD ....................................................-0.3V to +6V GNDAUD to GNDVID ............................................-0.1V to +0.1V All Video Inputs, ENCIN_FS, VCRIN_FS, SET to GNDVID......................................-0.3V to (VVID + 0.3V) All Audio Inputs, AUDBIAS to GNDAUD .........................-0.3V to (VAUD + 0.3V) SDA, SCL, DEV_ADDR, INTERRUPT_OUT to GNDVID ..............................-0.3V to +6V All Audio Outputs, TV_SS, VCR_SS to GNDAUD...............................-0.3V to (V12 + 0.3V) INTERRUPT_OUT Current ................................................+50mA All Video Outputs, TVOUT_FS to VVID, VAUD, GNDAUD, GNDVID ................................................Continuous All Audio Outputs to VVID, VAUD, V12, GNDVID, GNDAUD ................................................Continuous Continuous Power Dissipation (TA = +70°C) 48-Pin Thin QFN (derate 27mW/°C above +70°C) .....2105.3mW Operating Temperature Range...............................0°C to +70°C Junction Temperature ......................................................+150°C Storage Temperature Range .............................-65°C to +150°C Lead Temperature (soldering, 10s) .................................+300°C PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS VVID Supply Voltage Range VVID Inferred from video gain test 4.75 5.0 5.25 VAUD Supply Voltage Range VAUD Inferred from audio gain test 4.75 5.0 5.25 V12 Supply Voltage Range V12 Inferred from slow switching levels 11.4 12.0 12.6 V VVID Quiescent Supply Current IVID_Q All video output amplifiers are enabled, no load 69 100 mA VVID Standby Supply Current IVID_Q All video output amplifiers are in shutdown, and TV_FS_OUT driver is in shutdown, no load 40 60 mA VAUD Quiescent Supply Current IAUD_Q No load 2.4 6 mA V12 Quiescent Supply Current I12_Q No load 3.6 6 mA VIDEO CHARACTERISTICS CVBS and Y-C, 1VP-P input +5.5 +6.0 +6.5 +4.5 +5.0 +5.5 +5.5 +6.0 +6.5 Voltage Gain G_V RGB, 1VP-P input, (programmable gain control) +6.5 +7.0 +7.5 dB LP Filter Attenuation ATTN TA = +25°C, f = 6MHz, VIN = 1VP-P 1.2 3.3 dB LP Filter Suppression SPPR TA = +25°C, f = 27MHz, VIN = 1VP-P 35 50 dB Slew Rate SR VOUT = 2VP-P 8 V/µs Settling Time tS VOUT = 2VP-P, settle to 0.1% (Note 2) 380 ns Gain Matching AG 1VP-P input, between RGB or Y-C -0.5 +0.5 dB Differential Gain DG 5-step modulated staircase 0.4 % Differential Phase DP 5-step modulated staircase 0.2 degrees |
Similar Part No. - MAX9595 |
|
Similar Description - MAX9595 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |