Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856155 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856155
Description  1855 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856155 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856155 Datasheet HTML 1Page - TriQuint Semiconductor 856155 Datasheet HTML 2Page - TriQuint Semiconductor 856155 Datasheet HTML 3Page - TriQuint Semiconductor 856155 Datasheet HTML 4Page - TriQuint Semiconductor 856155 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856155
1855 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-30 to +85 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1855
-
MHz
Maximum Insertion Loss
1840 - 1870 MHz
-
3
3.5
dB
Absolute Attenuation
100 - 1025 MHz
1025 - 1750 MHz
1750 - 1780 MHz
1930 - 2220 MHz
2220 - 6000 MHz
45
40
35
25
40
50
50
45
30
50
-
-
-
-
-
dB
dB
dB
dB
dB
Output Amplitude Balance (|S31/S21|)
1840 - 1870 MHz
-1.5
±1.2
1.5
dB
Output Phase Balance [
φ(S31)- φ(S21)+180]
1840 - 1870 MHz
-8
±5
8
degree
Input/Output VSWR
1840 - 1870 MHz
-
1.9
2.5
-
Optimal Source Impedance (4)
-
50
-
Optimal Load Impedance (balanced) (4)
-
100
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
50
Single-ended
Input
2,5
1
3
50
4
100
100
Balanced
Output
Subject to change or obsolescence without notice
Rev B
28-Jan-2003
Page 2 of 5


Similar Part No. - 856155

ManufacturerPart #DatasheetDescription
logo
FIBOX Enclosing innovat...
8561550 FIBOX-8561550 Datasheet
62Kb / 2P
   PC Enclosure
16.05.2023
8561551 FIBOX-8561551 Datasheet
62Kb / 2P
   PC Enclosure
16.05.2023
8561552 FIBOX-8561552 Datasheet
62Kb / 2P
   PC Enclosure
16.05.2023
8561553 FIBOX-8561553 Datasheet
62Kb / 2P
   PC Enclosure
16.05.2023
8561554 FIBOX-8561554 Datasheet
62Kb / 2P
   PC Enclosure
16.05.2023
More results

Similar Description - 856155

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856083 TRIQUINT-856083 Datasheet
430Kb / 5P
   1855 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0703A TAI-SAW-TA0703A Datasheet
271Kb / 7P
   SAW Filter 1855 MHz SMD 3.0X3.0 mm
logo
EPCOS
B7631 EPCOS-B7631 Datasheet
118Kb / 8P
   SAW Components Low-Loss Filter for Mobile Communication 1765 / 1855 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com