Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855782 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 855782
Description  881.5 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855782 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  855782 Datasheet HTML 1Page - TriQuint Semiconductor 855782 Datasheet HTML 2Page - TriQuint Semiconductor 855782 Datasheet HTML 3Page - TriQuint Semiconductor 855782 Datasheet HTML 4Page - TriQuint Semiconductor 855782 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
Part Number 855782
881.5 MHz SAW Filter
Subject to change or obsolescence without notice
Last Updated: 14-May-2001
Page 4 of 5
Matching Schematics
50
Single-ended
1,3,4,6
2
5
50
50
No impedance matching
required
Marking
PCB Footprint
Marking
code
Date code
D
XXX
logo
ID dot
Pad 1
Sawtek
.96
3.20 SQ
1.27
.38
.81
1.70
Date code is the day of the current year in 3-digit Julian format
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
3.25
Section A-A
1.75
Ø1.5
4.0
A
12.0
5.5
Ø1.5
4.0
2.0
3.25
1.4
0.21
A
logo
Sawtek
Ø330
Ø13.0
Ø20.2
Pad 1 ID dot
Direction of travel
2.0
Ø102
12.8
2.7
Dimensions shown are nominal in millimeters
Packaging quantity: 5000 units/reel


Similar Part No. - 855782

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855782 TRIQUINT-855782_15 Datasheet
558Kb / 5P
   881.5 MHz SAW Filter
More results

Similar Description - 855782

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1183B RFM-SF1183B Datasheet
231Kb / 5P
   881.5 MHz SAW Filter
logo
TriQuint Semiconductor
855924 TRIQUINT-855924 Datasheet
441Kb / 5P
   881.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1183B MURATA-SF1183B Datasheet
171Kb / 5P
   881.5 MHz SAW Filter
SF1183E_TD MURATA-SF1183E_TD Datasheet
697Kb / 5P
   881.5 MHz SAW Filter
SF1183G MURATA-SF1183G Datasheet
326Kb / 5P
   881.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0184A TAI-SAW-TA0184A Datasheet
780Kb / 6P
   SAW Filter 881.5 MHz
logo
TriQuint Semiconductor
855782 TRIQUINT-855782_15 Datasheet
558Kb / 5P
   881.5 MHz SAW Filter
855728 TRIQUINT-855728 Datasheet
548Kb / 5P
   881.5 MHz SAW Filter
logo
Integrated Technology F...
T88151B ITF-T88151B Datasheet
162Kb / 2P
   881.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF1183G RFM-SF1183G Datasheet
326Kb / 5P
   881.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com