Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856079 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856079
Description  1842.5 MHz SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856079 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856079 Datasheet HTML 1Page - TriQuint Semiconductor 856079 Datasheet HTML 2Page - TriQuint Semiconductor 856079 Datasheet HTML 3Page - TriQuint Semiconductor 856079 Datasheet HTML 4Page - TriQuint Semiconductor 856079 Datasheet HTML 5Page - TriQuint Semiconductor 856079 Datasheet HTML 6Page - TriQuint Semiconductor 856079 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Data Sheet
Part Number 856079
1842.5 MHz SAW Filter
Subject to change or obsolescence without notice
Rev D
05-Sep-2002
Page 2 of 7
Electrical Specifications (1)
Operating Temperature: (2)
+25 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
1842.5
-
MHz
Maximum Insertion Loss
1805 - 1880 MHz
-
2.5
2.9
dB
Absolute Attenuation
DC - 1000 MHz
1000 - 1710 MHz
1710 - 1765 MHz
1765 - 1785 MHz
1920 - 1980 MHz
1980 - 2090 MHz
2090 - 3000 MHz
3000 - 6000 MHz
40
30
20
12
15
20
30
40
45
34
25
17
17
27
40
50
-
-
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
dB
dB
Passband Ripple
(4)
1805 - 1880 MHz
-
0.7
1.0
dB
Input/Output Return Loss
1805 - 1880 MHz
8
10
-
dB
Output Amplitude Balance (|S31/S21|)
1805 - 1880 MHz
-
1.4
2
dB
Output Phase Balance
φ(S31)- φ(S21)
1805 - 1880 MHz
165
180
190
degree
Source Impedance
-
50
-
Optimal Load Impedance (balanced)
(5)
-
200 || 18nH
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
This specification is valid for room temperature only. The specification over the full temperature range(s) is available on the next
page(s)
3.
Electrical margin has been built into the design to account for the variations due to manufacturing tolerances
4.
This is the maximum peak to adjacent valley amplitude change in passband
5.
This is the optimum impedance for maximum power transfer
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
Input
2,5
1
3
50
4
200
18nH
200
Balanced
Output


Similar Part No. - 856079

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856070 TRIQUINT-856070 Datasheet
550Kb / 5P
   140 MHz SAW Filter
logo
Weidmuller
8560700000 WEIDMULLER-8560700000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560700000 WEIDMULLER-8560700000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560700000 WEIDMULLER-8560700000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8560700000 WEIDMULLER-8560700000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results

Similar Description - 856079

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855860 TRIQUINT-855860_15 Datasheet
515Kb / 5P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934_15 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
856575 TRIQUINT-856575 Datasheet
584Kb / 7P
   1842.5 MHz SAW Filter
855860 TRIQUINT-855860 Datasheet
417Kb / 5P
   1842.5 MHz SAW Filter
856934 TRIQUINT-856934 Datasheet
361Kb / 6P
   1842.5 MHz SAW Filter
856409 TRIQUINT-856409 Datasheet
566Kb / 7P
   1842.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1192B MURATA-SF1192B Datasheet
174Kb / 5P
   1842.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF1192B RFM-SF1192B Datasheet
174Kb / 5P
   1842.5 MHz SAW Filter
logo
Oscilent Corporation
802-RF1842.5M-A OSCILENT-802-RF1842.5M-A Datasheet
180Kb / 2P
   1842.5 MHz RF SAW Filter
logo
Abracon Corporation
ABSTS5A2-34IM033M ABRACON-ABSTS5A2-34IM033M Datasheet
728Kb / 10P
   1842.5 MHz SMD SAW Filter
06-02-21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com