Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

856067 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 856067
Description  140 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

856067 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  856067 Datasheet HTML 1Page - TriQuint Semiconductor 856067 Datasheet HTML 2Page - TriQuint Semiconductor 856067 Datasheet HTML 3Page - TriQuint Semiconductor 856067 Datasheet HTML 4Page - TriQuint Semiconductor 856067 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary Data Sheet
Part Number 856067
140 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
16-Jul-2002
Page 2 of 5
Electrical Specifications (1)
Operating Temperature Range: (2)
0 to +70 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
140
-
MHz
Minimum Insertion Loss
-
24.5
25.75
dB
Lower 1 dB Bandedge (4)
Upper 1 dB Bandedge
-
143.075
136.7
143.3
136.925
-
MHz
MHz
Lower 3 dB Bandedge (4)
Upper 3 dB Bandedge
-
143.42
136.45
143.55
136.58
-
MHz
MHz
Lower 40 dB Bandedge (4)
Upper 40 dB Bandedge
135.425
-
135.6
144.4
-
144.575
MHz
MHz
Amplitude Variation
136.925 - 143.075 MHz
-
0.6
0.9
dB
Phase Linearity
136.925 - 143.075 MHz
-
2.25
3.5
deg
Group Delay Variation
136.925 - 143.075 MHz
-
40
65
nsec
Absolute Delay
-
1.6
-
µsec
Relative Attenuation (4)
15 - 132 MHz
148 - 250 MHz
250 - 280 MHz
280 - 350 MHz
50
50
42
50
60
60
45
60
-
-
-
-
dB
dB
dB
dB
Source Impedance (5)
-
50
-
Load Impedance (5)
-
50
-
Substrate Material
-
LiTaO3
-
-
Temperature Coefficient of Frequency
-
-23
-
ppm/oC
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
All attenuation measurements are measured relative to minimum insertion loss
5.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
1,2,3,4,6,7,8,9
50
33pF
10
5
18nH
50
47nH
47pF


Similar Part No. - 856067

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
More results

Similar Description - 856067

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2182D RFM-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2182D MURATA-SF2182D Datasheet
1Mb / 14P
   140 MHz SAW Filter
logo
TriQuint Semiconductor
856019 TRIQUINT-856019 Datasheet
537Kb / 5P
   140 MHz SAW Filter
856064 TRIQUINT-856064 Datasheet
567Kb / 5P
   140 MHz SAW Filter
856069 TRIQUINT-856069 Datasheet
628Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074 Datasheet
571Kb / 5P
   140 MHz SAW Filter
856692 TRIQUINT-856692_15 Datasheet
394Kb / 5P
   140 MHz SAW Filter
856020 TRIQUINT-856020_15 Datasheet
386Kb / 6P
   140 MHz SAW Filter
856067 TRIQUINT-856067_15 Datasheet
431Kb / 5P
   140 MHz SAW Filter
856074 TRIQUINT-856074_15 Datasheet
629Kb / 6P
   140 MHz SAW Filter
logo
RF Monolithics, Inc
SF2045A RFM-SF2045A Datasheet
216Kb / 5P
   140 MHz SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com