Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855975 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # 855975
Description  280 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855975 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  855975 Datasheet HTML 1Page - TriQuint Semiconductor 855975 Datasheet HTML 2Page - TriQuint Semiconductor 855975 Datasheet HTML 3Page - TriQuint Semiconductor 855975 Datasheet HTML 4Page - TriQuint Semiconductor 855975 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
Part Number 855975
280 MHz SAW Filter
Subject to change or obsolescence without notice
Rev A
07-Dec-2001
Page 1 of 5
Features
• For WLAN applications
• Usable bandwidth of 17 MHz
• Low loss
• High attenuation at tones
• Single-ended or balanced operation
• Ceramic Surface Mount Package (SMP)
• Small size
Package
Pin Configuration
Surface Mount 5.00 x 5.00 x 1.32 mm
Bottom View
4
8
76
5
3
2
1
Pin No. Description
2
Input return
3
Input
6
Output return
7
Output
1,4,5,8
Case ground
1.32 NOM.
1.52 MAX.
0.66
1.27
1.27
0.64
2.08
5.00
5.00
Dimensions shown are nominal in millimeters
All tolerances are
±0.15mm except overall
length and width
±0.15/±0.10mm
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 0.5 - 1.0
µm,
over a 2 - 6
µm Ni plating


Similar Part No. - 855975

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8559 ETC2-8559 Datasheet
310Kb / 1P
   PHENOLIC INSTRUMENT CASES
logo
TriQuint Semiconductor
855912 TRIQUINT-855912 Datasheet
58Kb / 1P
   170.600 MHz Bandpass Filter 180kHz Bandwidth
logo
List of Unclassifed Man...
855914 ETC1-855914 Datasheet
563Kb / 5P
   326.4 MHz SAW Filter
logo
TriQuint Semiconductor
855914 TRIQUINT-855914_15 Datasheet
409Kb / 5P
   326.4 MHz SAW Filter
855915 TRIQUINT-855915 Datasheet
589Kb / 5P
   249.6 MHz SAW Filter
More results

Similar Description - 855975

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2172C RFM-SF2172C Datasheet
489Kb / 5P
   280 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2172C MURATA-SF2172C Datasheet
489Kb / 5P
   280 MHz SAW Filter
logo
Golledge Electronics Lt...
MA05396 GOLLEDGE-MA05396 Datasheet
263Kb / 5P
   280 MHz SAW Filter for WLAN
logo
TAI-SAW TECHNOLOGY CO.,...
TB0137A TAI-SAW-TB0137A Datasheet
353Kb / 5P
   SAW Filter 280 MHz for WLAN
TA280E1 TAI-SAW-TA280E1 Datasheet
127Kb / 5P
   SAW Filter 280, 281, 284 MHz For Pager
logo
Integrated Circuit Syst...
SF0280BA01984S ICST-SF0280BA01984S Datasheet
81Kb / 2P
   280 MHz Bandpass Filter 17 MHz bandwidth
logo
KR Electronics, Inc.
2837 KR-2837 Datasheet
371Kb / 2P
   280 MHz surface mount bandpass filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com