Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855966 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 855966
Description  942.5 MHz SAW Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855966 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  855966 Datasheet HTML 1Page - TriQuint Semiconductor 855966 Datasheet HTML 2Page - TriQuint Semiconductor 855966 Datasheet HTML 3Page - TriQuint Semiconductor 855966 Datasheet HTML 4Page - TriQuint Semiconductor 855966 Datasheet HTML 5Page - TriQuint Semiconductor 855966 Datasheet HTML 6Page - TriQuint Semiconductor 855966 Datasheet HTML 7Page - TriQuint Semiconductor 855966 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet
Part Number 855966
942.5 MHz SAW Filter
Electrical Specifications (1)
Operating Temperature Range: (2)
-20 to +80 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
942.5
-
MHz
Maximum Insertion Loss
925 - 960 MHz
Excluding losses due to matching
Including losses in matching test circuit shown below
-
-
2.6
2.7
-
3.7
dB
dB
Amplitude Ripple
925 - 960 MHz
-
0.7
2.1
dB p-p
Absolute Attenuation
0 - 880 MHz
880 - 905 MHz
905 - 915 MHz
980 - 1050 MHz
1050 - 6000 MHz
50
30
18
22
50
65
38
22
27
65
-
-
-
-
-
dB
dB
dB
dB
dB
Input VSWR
925 - 960 MHz
-
1.8
2.4
dB
Output VSWR
925 - 960 MHz
-
1.8
2.3
dB
Output Phase Balance
φ(S31)- φ(S21)
925 - 960 MHz
175
180
185
degree
Output Amplitude Balance (|S31/S21|)
925 - 960 MHz
-0.5
0
0.5
dB
Optimal Source Impedance (4)
-
50
-
Optimal Load Impedance (4)
-
225 || 48nH
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing tolerances
4.
This is the complex conjugate of the unmatched filter’s impedance resulting in maximum power transfer
Test Circuit:
50
Single-ended
Input
2,5
1
3
50
4
150
30nH
150
Balanced Output
Subject to change or obsolescence without notice
Rev E
30-Jan-2003
Page 4 of 8


Similar Part No. - 855966

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855964 TRIQUINT-855964 Datasheet
537Kb / 5P
   1086 MHz SAW Filter
855969 TRIQUINT-855969 Datasheet
375Kb / 5P
   1575.42 MHz SAW Filter
855969 TRIQUINT-855969_15 Datasheet
540Kb / 5P
   1575.42 MHz SAW Filter
More results

Similar Description - 855966

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
856055 TRIQUINT-856055 Datasheet
441Kb / 5P
   942.5 MHz SAW Filter
856387 TRIQUINT-856387 Datasheet
617Kb / 7P
   942.5 MHz SAW Filter
855820 TRIQUINT-855820_15 Datasheet
344Kb / 7P
   942.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1004A TAI-SAW-TA1004A Datasheet
1Mb / 6P
   SAW Filter 942.5 MHz
TA0152B TAI-SAW-TA0152B Datasheet
1Mb / 7P
   SAW Filter 942.5 MHz
TA1743B TAI-SAW-TA1743B Datasheet
625Kb / 8P
   SAW Filter 942.5 MHz
logo
TriQuint Semiconductor
856528 TRIQUINT-856528_15 Datasheet
580Kb / 5P
   942.5 MHz SAW Filter
855810 TRIQUINT-855810_15 Datasheet
532Kb / 5P
   942.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF2002E MURATA-SF2002E Datasheet
536Kb / 5P
   942.5 MHz SAW Filter
logo
RF Monolithics, Inc
SF2002E RFM-SF2002E Datasheet
239Kb / 5P
   942.5 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com