Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855927 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # 855927
Description  169 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855927 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  855927 Datasheet HTML 1Page - TriQuint Semiconductor 855927 Datasheet HTML 2Page - TriQuint Semiconductor 855927 Datasheet HTML 3Page - TriQuint Semiconductor 855927 Datasheet HTML 4Page - TriQuint Semiconductor 855927 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Preliminary Data Sheet
Part Number 855927
169 MHz SAW Filter
Matching Schematics
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
input
1,2,3
4,7,8,9
50
18pF
10
5
6
200Ω
43nH
43nH
33nH
15pF
33pF
200
Balanced
output
Marking
PCB Footprint
XXXXXX
855927
SAWTEK
2.00
1.22
.69
8.84
6.70
The date code consists of: JJJ = Julian day,
Y = last digit of year, M = manufacturing site code
This footprint represents a recommendation only
Dimensions shown are nominal in millimeters
Tape and Reel
A
A
24
1.75
11.5
Ø1.5
2.3
13.9
4.0
Ø1.5
2.0
0.3
12.0
7.1
Section A-A
Dimensions shown are nominal in millimeters
Packaging quantity:2000 units/reel
Direction of travel
Ø330
24.8
2.7
Ø102
Ø13.0
Ø20.2
2.0
ID dot
Subject to change or obsolescence without notice
Rev -
08-Aug-2003
Page 4 of 5


Similar Part No. - 855927

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855923 TRIQUINT-855923 Datasheet
440Kb / 6P
   836.5 MHz SAW Filter
855924 TRIQUINT-855924 Datasheet
441Kb / 5P
   881.5 MHz SAW Filter
More results

Similar Description - 855927

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
   SAW Filter 1910 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com