Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

855915 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # 855915
Description  249.6 MHz SAW Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

855915 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  855915 Datasheet HTML 1Page - TriQuint Semiconductor 855915 Datasheet HTML 2Page - TriQuint Semiconductor 855915 Datasheet HTML 3Page - TriQuint Semiconductor 855915 Datasheet HTML 4Page - TriQuint Semiconductor 855915 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet
Part Number 855915
249.6 MHz SAW Filter
Electrical Specifications (1)
Temperature Range: (2)
-10 to +80 oC
Parameter (3)
Minimum
Typical
Maximum
Unit
Center Frequency
-
249.6
-
MHz
Minimum Insertion Loss at 249.6 MHz
-
16.11
20
dB
1 dB Lower Frequency (4)
1 dB Upper Frequency
1 dB Bandwidth
-
251.52
3.84
246.98
251.89
4.89
247.68
-
5
MHz
MHz
MHz
40 dB Lower Frequency (4)
40 dB Upper Frequency
40 dB Bandwidth
244.1
-
-
244.27
254.41
10.14
-
255.1
11
MHz
MHz
MHz
Passband Ripple
247.68 - 251.52 MHz
-
0.22
1
dB p-p
Group Delay Variation
247.68 - 251.52 MHz
-
27.15
50
nsec
Input VSWR
247.68 - 251.52 MHz
-
1.25:1
2.10:1
-
Output VSWR
247.68 - 251.52 MHz
-
1.34:1
2.10:1
-
Relative Attenuation (4)
10 - 234.6 MHz
264.6 - 450 MHz
45
45
63.5
55.63
-
-
dB
dB
Source Impedance (5)
-
50
-
Load Impedance (5)
-
50
-
Notes:
1.
All specifications are based on the test circuit shown below
2.
In production, devices will be tested at room temperature to a guardbanded specification to ensure electrical compliance over
temperature
3.
Electrical margin has been built into the design to account for the variations due to manufacturing tolerances
4.
The attenuation measurements are referenced to average insertion loss over passband
5.
This is the optimum impedance in order to achieve the performance shown
Test Circuit:
Actual matching values may vary due to PCB layout and parasitics
50
Single-ended
1,2,3,5,6
7,8,9,11,12
50
27nH
10
4
120nH
50
10
82nH
110nH
82nH
6.8Ω
Subject to change or obsolescence without notice
Rev B
30-Oct-2002
Page 2 of 5


Similar Part No. - 855915

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855912 TRIQUINT-855912 Datasheet
58Kb / 1P
   170.600 MHz Bandpass Filter 180kHz Bandwidth
logo
List of Unclassifed Man...
855914 ETC1-855914 Datasheet
563Kb / 5P
   326.4 MHz SAW Filter
logo
TriQuint Semiconductor
855914 TRIQUINT-855914_15 Datasheet
409Kb / 5P
   326.4 MHz SAW Filter
855916 TRIQUINT-855916 Datasheet
493Kb / 5P
   2441.8 MHz SAW Filter
855916 TRIQUINT-855916 Datasheet
363Kb / 6P
   2441.8 MHz SAW Filter
More results

Similar Description - 855915

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0250BA03189S APITECH-SF0250BA03189S Datasheet
149Kb / 3P
   249.6 MHz SAW Filter 5 MHz Bandwidth
SF0250BA03223S APITECH-SF0250BA03223S Datasheet
176Kb / 3P
   249.6 MHz SAW Filter 10 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com