Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC41C16100S-60TIG Datasheet(PDF) 5 Page - Integrated Circuit Solution Inc

Part # IC41C16100S-60TIG
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16100S-60TIG Datasheet(HTML) 5 Page - Integrated Circuit Solution Inc

  IC41C16100S-60TIG Datasheet HTML 1Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC41C16100S-60TIG Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
IC41C16100S
IC41LV16100S
Integrated Circuit Solution Inc.
5
DR010-0D 11/26/2004
Functional Description
The IC41C16100S and IC41LV16100S is a CMOS DRAM
optimized for high-speed bandwidth, low power
applications. During READ or WRITE cycles, each bit is
uniquely addressed through the 16 address bits. These
are entered ten bits (A0-A9) at a time. The row address is
latched by the Row Address Strobe (RAS). The column
address is latched by the Column Address Strobe (CAS).
RAS is used to latch the first ten bits and CAS is used the
latter ten bits.
The IC41C16100S and IC41LV16100S has two CAS
controls, LCAS and UCAS. The LCAS and UCAS inputs
internally generates a CAS signal functioning in an iden-
tical manner to the single CAS input on the other 1M x 16
DRAMs. The key difference is that each CAS controls its
corresponding I/O tristate logic (in conjunction with OE
and WE and RAS). LCAS controls I/O0 through I/O7 and
UCAS controls I/O8 through I/O15.
The IC41C16100S and IC41LV16100S CAS function is
determined by the first CAS (LCAS or UCAS) transitioning
LOW and the last transitioning back HIGH. The two CAS
controls give the IC41C16100S and IS41LV16100S both
BYTE READ and BYTE WRITE cycle capabilities.
Memory Cycle
A memory cycle is initiated by bring RAS LOW and it is
terminated by returning both RAS and CAS HIGH. To
ensures proper device operation and data integrity any
memory cycle, once initiated, must not be ended or
aborted before the minimum tRAS time has expired. A new
cycle must not be initiated until the minimum precharge
time tRP, tCP has elapsed.
Read Cycle
A read cycle is initiated by the falling edge of CAS or OE,
whichever occurs last, while holding WE HIGH. The
column address must be held for a minimum time specified
by tAR. Data Out becomes valid only when tRAC, tAA, tCAC
and tOEA are all satisfied. As a result, the access time is
dependent on the timing relationships between these
parameters.
Write Cycle
A write cycle is initiated by the falling edge of CAS and
WE, whichever occurs last. The input data must be valid
at or before the falling edge of CAS or WE, whichever
occurs first.
Refresh Cycle
To retain data, 1,024 refresh cycles are required in each
16 ms period. There are two ways to refresh the memory.
1. By clocking each of the 1,024 row addresses (A0
through A9) with RAS at least once every 16 ms. Any
read, write, read-modify-write or RAS-only cycle re-
freshes the addressed row.
2. Using a CAS-before-RAS refresh cycle. CAS-before-
RAS refresh is activated by the falling edge of RAS,
while holding CAS LOW. In CAS-before-RAS refresh
cycle, an internal 10-bit counter provides the row
addresses and the external address inputs are ignored.
CAS-before-RAS is a refresh-only mode and no data
access or device selection is allowed. Thus, the output
remains in the High-Z state during the cycle.
Self Refresh Cycle
The Self Refresh allows the user a dynamic refresh, data
retention mode at the extended refresh period of 128 ms.
i.e., 125 µs per row when using distributed CBR refreshes.
The feature also allows the user the choice of a fully static,
low power data retention mode. The optional Self Refresh
feature is initiated by performing a CBR Refresh cycle and
holding RAS LOW for the specified tRAS.
The Self Refresh mode is terminated by driving RAS HIGH
for a minimum time of tRP. This delay allows for the
completion of any internal refresh cycles that may be in
process at the time of the RAS LOW-to-HIGH transition.
If the DRAM controller uses a distributed refresh sequence,
a burst refresh is not required upon exiting Self Refresh.
However, if the DRAM controller utilizes a RAS-only or
burst refresh sequence, all 1,024 rows must be refreshed
within the average internal refresh rate, prior to the re-
sumption of normal operation.
Extended Data Out Page Mode
EDO page mode operation permits all 1,024 columns
within a selected row to be randomly accessed at a high
data rate.
In EDO page mode read cycle, the data-out is held to the
next CAS cycle’s falling edge, instead of the rising edge.
For this reason, the valid data output time in EDO page
mode is extended compared with the fast page mode. In
the fast page mode, the valid data output time becomes
shorter as the CAS cycle time becomes shorter. Therefore,
in EDO page mode, the timing margin in read cycle is
larger than that of the fast page mode even if the CAS
cycle time becomes shorter.
In EDO page mode, due to the extended data function, the
CAS cycle time can be shorter than in the fast page mode
if the timing margin is the same.
The EDO page mode allows both read and write opera-
tions during one RAS cycle, but the performance is
equivalent to that of the fast page mode in that case.
Power-On
After application of the VCC supply, an initial pause of
200 µs is required followed by a minimum of eight initial-
ization cycles (any combination of cycles containing a
RAS signal).
During power-on, it is recommended that RAS track with
VCC or be held at a valid VIH to avoid current surges.


Similar Part No. - IC41C16100S-60TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50K ICSI-IC41C16100A-50K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-50T ICSI-IC41C16100A-50T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60K ICSI-IC41C16100A-60K Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A-60T ICSI-IC41C16100A-60T Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IC41C16100S-60TIG

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com